Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

105K Datasheet(PDF) 13 Page - STMicroelectronics

Part # 105K
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

105K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 105K Datasheet HTML 6Page - STMicroelectronics 105K Datasheet HTML 7Page - STMicroelectronics 105K Datasheet HTML 8Page - STMicroelectronics 105K Datasheet HTML 9Page - STMicroelectronics 105K Datasheet HTML 10Page - STMicroelectronics 105K Datasheet HTML 11Page - STMicroelectronics 105K Datasheet HTML 12Page - STMicroelectronics 105K Datasheet HTML 13Page - STMicroelectronics 105K Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STF5N105K5
Revision history
DocID026702 Rev 5
13/14
5
Revision history
Table 10: Document revision history
Date
Revision
Changes
17-Jul-2014
1
First release.
01-Sep-2014
2
Document status promoted from preliminary to production data.
Inserted Section 3.1: "Electrical characteristics (curves)".
Minor text changes.
02-Sep-2014
3
Updated title in cover page.
03-Oct-2014
4
Updated: Figure 3: "Thermal impedance", Figure 6: "Gate charge
vs gate-source voltage" and Figure 8: "Capacitance variations"
15-Oct-2014
5
Updated Table 2: "Absolute maximum ratings"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com