Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

105K Datasheet(PDF) 9 Page - STMicroelectronics

Part # 105K
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

105K Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 105K Datasheet HTML 5Page - STMicroelectronics 105K Datasheet HTML 6Page - STMicroelectronics 105K Datasheet HTML 7Page - STMicroelectronics 105K Datasheet HTML 8Page - STMicroelectronics 105K Datasheet HTML 9Page - STMicroelectronics 105K Datasheet HTML 10Page - STMicroelectronics 105K Datasheet HTML 11Page - STMicroelectronics 105K Datasheet HTML 12Page - STMicroelectronics 105K Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STF5N105K5
Test circuits
DocID026702 Rev 5
9/14
3
Test circuits
Figure 15: Switching times test circuit for
resistive load
Figure 16: Gate charge test circuit
Figure 17: Test circuit for inductive load
switching and diode recovery times
Figure 18: Unclamped inductive load test
circuit
Figure 19: Unclamped inductive waveform
Figure 20: Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com