Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2-LP Datasheet(PDF) 35 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 35 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 31Page - STMicroelectronics S2-LP Datasheet HTML 32Page - STMicroelectronics S2-LP Datasheet HTML 33Page - STMicroelectronics S2-LP Datasheet HTML 34Page - STMicroelectronics S2-LP Datasheet HTML 35Page - STMicroelectronics S2-LP Datasheet HTML 36Page - STMicroelectronics S2-LP Datasheet HTML 37Page - STMicroelectronics S2-LP Datasheet HTML 38Page - STMicroelectronics S2-LP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
S2-LP
Block description
DocID029944 Rev 1
35/90
Figure 6: Direct polar mode
As for the normal TX operations, the TX_FIFO samples are consumed and a management
of the TX_FIFO_THRESHOLD is needed to perform transmissions longer than 128
samples.
The transmission is never automatically stopped and a specific command SABORT should
be given to terminate it.
This function is suitable to implement differential binary phase shift keying modulation
(DBPSK) such as the data modulation used by the SigFox protocol.
5.4.4
Test modes
5.4.4.1
Continuous wave
The device can be programmed to generate a continuous wave carrier without any
modulation. In this way, the carrier will be continuously transmitted until a SABORT
command is sent to the device.
To set the continuous wave the TXSOURCE field (of the PCKTCTRL1 register) must be set
to 0x03.
5.4.4.2
PN9
It is possible to set a Pseudo Random Binary Sequence 9 (PN9) as data source for the
modulator. In this way, these data will be continuously modulated until a SABORT
command is sent to the device.
The TXSOURCE field (of the PCKTCTRL1 register) must be set to 0x03.
5.4.5
Data rate
The data rate programmable is from 0.3 kbps to 250 ksps (see Table 12: "General
characteristics" for further details).
The data rate formula that relates the value of the DATARATE_M and DATARATE_E
registers to the data rate in symbol per second is the following:
Equation 10
– Data rate formula



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com