Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2-LP Datasheet(PDF) 67 Page - STMicroelectronics

Part # S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 67 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 63Page - STMicroelectronics S2-LP Datasheet HTML 64Page - STMicroelectronics S2-LP Datasheet HTML 65Page - STMicroelectronics S2-LP Datasheet HTML 66Page - STMicroelectronics S2-LP Datasheet HTML 67Page - STMicroelectronics S2-LP Datasheet HTML 68Page - STMicroelectronics S2-LP Datasheet HTML 69Page - STMicroelectronics S2-LP Datasheet HTML 70Page - STMicroelectronics S2-LP Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
S2-LP
Link layer protocol
DocID029944 Rev 1
67/90
If the CS valid is low, then the RX is aborted immediately.
If the CS valid is high, then the RX continues and the main controller starts the
CS/PQI/SQI timeout mechanism programmed.
The typical application scenario of the feature described above is the asynchronous LDC.
More specifically, if receiver and transmitter are not synchronized, then the receiver has to
‘sniff’ about the presence of a carrier during most of the wake-up time slot (inside the
preamble transmission) and, in case of carrier level above the programmed threshold (CS
valid), to wait for the SYNC word after the preamble.
If the carrier is not present, the receiver should go back to sleep as soon as possible
without waiting furthermore, in order to save on average current consumption.
Figure 17: Fast RX termination mode with LDC
If the carrier is present, it will be possible to receive the entire frame because the RX
timeout stop condition is switched to the normal mechanism of PQI/SQI and SYNC can be
detected:
Figure 18: Fast Rx termination: CS detection
In order to ensure that TX frame is always captured, it is advisable to set wake-up time to
less than the preamble time.
8.3
CSMA/CA engine
The CSMA/CA engine is a channel access mechanism based on the rule of sensing the
channel before transmitting (listen before talk). This avoids the simultaneous use of the
channel by different transmitters and increases the probability of correct reception of data
being transmitted. This is done by a comparison of the RSSI sensed with the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com