| Electronic Components Datasheet Search |
|
301201 Datasheet(PDF) 5 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
301201 Datasheet(HTML) 5 Page - Tyco Electronics |
|
5 / 7 page ![]() 411- 1097 Double Action Hand Crimping Tools 525690 and 525691 5 of 7 Rev D Tyco Electronics Corporation 5. MAINTENANCE AND INSPECTION It is recommended that a maintenance and inspection program be performed periodically to ensure dependable and uniform terminations. Though recommendations call for at least one inspection a month, frequency of inspection depends on: 1. The care, amount of use, and handling of the tool. 2. The presence of abnormal amounts of dust and dirt. 3. The degree of operator skill. 4. Your own established standards. The tool is inspected before being shipped; however, it is recommended that the tool be inspected immediately upon arrival to ensure that the tool has not been damaged during shipment. 5.1. Daily Maintenance 1. Immersed the tool (handles partially closed) in a reliable commercial degreasing compound to remove accumulated dirt, grease, and foreign matter. When degreasing compound is not available, the tool may be wiped clean with a soft, lint--free cloth. DO NOT use hard or abrasive objects that could damage the tool. 2. Make certain that the retaining pins are in place and that they are secured with retaining rings. 3. All pins, pivot points, and bearing surfaces should be protected with a THIN coat of any good SAE 20 motor oil. DO NOT oil excessively. 4. When the tool is not in use, keep the handles closed to prevent objects from becoming lodged in the jaws. Store the tool in a clean, dry area. 5.2. Periodic Inspection A. Lubrication Lubricate all pins, pivot points, and bearing surfaces with any good SAE 20 motor oil as follows: Tool used in daily production — daily Tool used daily (occasional) — weekly Tool used weekly — monthly Wipe excess oil from the tool, particularly from the crimping area. Oil transferred from the crimping area onto certain terminations may affect the electrical characteristics of an application. B. Visual Inspection 1. Close the tool handles until the ratchet releases and then allow them to open freely. If they do not open quickly and fully, the spring is defective and must be replaced. See Section 6, REPLACEMENT AND REPAIR. 2. Inspect the head for worn, cracked, or broken jaws. If damage is evident, return the tool for evaluation and repair. See Section 6, REPLACEMENT AND REPAIR C. Gaging the Crimping Chamber This inspection requires the use of plug gages conforming to the dimensions provided in Figure 7. To gage the crimping chamber, proceed as follows: 1. Remove traces of oil or dirt from the crimping chamber and plug gage. 2. Insert each insulation crimp adjustment pin into Position 1. See Figure 8. NO--GO Dia GO Dia Jaw Closure Configuration SUGGESTED PLUG GAGE DESIGN FOR WIRE BARREL SECTION TOOL GAGE ELEMENT DIAMETER TOOL GO NO--GO 525690 2.768--2.776 [.1090--.1093] 2.918--2.921 [.1149--.1150] 525691 3.022--3.030 [.1190--.1193] 3.172--3.175 [.1249--.1250] GO Dia NO--GO Dia GO NO GO Jaw Closure Configuration W W SUGGESTED PLUG GAGE DESIGN FOR INSULATION BARREL SECTION TOOL GAGE ELEMENT THICKNESS TOOL GO NO--GO W 525690 0.889--0.897 [.0350--.0353] 1.394--1.397 [.0549--.0550] 2.80--3.05 [.110--.120] 525691 1.143--1.151 [.0450--.0453] 1.648--1.651 [.0649--.0650] 4.50--4.75 [.177--.187] Figure 7 3. Close the tool handles until the jaws bottom, and hold in this position. DO NOT force beyond initial contact. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |