| Electronic Components Datasheet Search |
|
301201 Datasheet(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
301201 Datasheet(HTML) 3 Page - Tyco Electronics |
|
3 / 7 page ![]() 411- 1097 Double Action Hand Crimping Tools 525690 and 525691 3 of 7 Rev D Tyco Electronics Corporation 8. Release the tool handles, and allow them to open FULLY. Remove the crimped terminal or splice. 9. For splices, position the remaining wire barrel in the crimping chamber as shown in Figure 5, Detail B. Repeat Steps 5 through 8. 10. Inspect crimped terminal or splice by checking the features described in Figure 6. Terminals and splices not meeting the described conditions should NOT be used. Figure 5 Crimping a Butt Splice “C” “B” PIDG Splice “B” Equals Wire Barrel “C” Equals Insulation Barrel “C” “B” PLASTI--GRIP Splice Wire Stop Window Indent Locator Seats in Window Indent End of Wire Conductor Against Splice Wire Stop Wire Stop Window Indent Detail A Detail B Locator Seats in Window Indent End of Wire Conductor Against Splice Wire Stop Wire Barrel Remaining Wire Barrel 4. INSULATION CRIMP ADJUSTMENT The insulation barrel section of the crimping chamber has three positions: 1 — tight, 2 — medium, and 3 — loose. To adjust the grip resulting from the crimp of the insulation barrel, proceed as follows: 4.1. PIDG Terminals and Splices PIDG terminals and splices feature a wire “insulation grip.” 1. Insert each insulation crimp adjustment pin into Position 3. Refer to Figure 1. Make sure that both insulation crimp adjustment pins are in the same position. 2. Position the terminal or splice in the crimping chamber as described in Section 3. 3. Insert an UNSTRIPPED wire into ONLY the insulation barrel of the terminal or splice. 4. Close the tool handles until the ratchet releases. 5. Release the tool handles, and allow the handles to open FULLY. Remove the crimped terminal or splice. 6. Check the insulation barrel crimp by bending the wire back and forth once. The terminal or splice should retain its grip on the wire insulation. If it does not, insert each insulation crimp adjustment pin into the next position (Position 2). 7. Repeat Steps 2 through 6 until the correct insulation barrel grip is attained. DO NOT use a tighter position than is necessary. 4.2. PLASTI- GRIP Terminals and Splices PLASTI--GRIP terminals and splices feature a wire “insulation support” only. Ideally, the terminal or splice insulation should be in contact with the wire insulation. Insert each insulation crimp adjustment pin into position according to the following: Make sure that both insulation crimp adjustment pins are in the same position. — Position 3 for wire having a large insulation diameter. — Position 2 for wire having a medium insulation diameter. — Position 1 for wire having a small insulation diameter. NOTE i CAUTION ! NOTE i CAUTION ! |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |