Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301201 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 301201
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

301201 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  301201 Datasheet HTML 1Page - TE Connectivity Ltd 301201 Datasheet HTML 2Page - TE Connectivity Ltd 301201 Datasheet HTML 3Page - TE Connectivity Ltd 301201 Datasheet HTML 4Page - TE Connectivity Ltd 301201 Datasheet HTML 5Page - TE Connectivity Ltd 301201 Datasheet HTML 6Page - TE Connectivity Ltd 301201 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
408-1535
Rev T
3 of 7
Figure 5
6. Hold wire in place and close the tool handles FULLY to crimp the terminal or splice. Allow tool handles
to open FULLY. Remove the crimped terminal or splice from the crimping jaws.
7. To crimp the other half of the splice, reposition the uncrimped sleeve in the crimping jaws as
described in Step 3. Follow Steps 4 through 6 to complete the crimp.
NOTE
If the splice cannot be turned around to position the uncrimped sleeve in the crimping jaws, turn the tool around.
8. Inspect the crimp. Refer to Figure 6 for a properly crimped terminal and splice. Check the insulation
grip on the crimped terminal or splice. Refer to Section4, INSULATION CRIMPING ADJUSTMENT.
The hashmark code on the bottom of the wire barrel sleeve created by the tool should match the hashmark code referenced
with the appropriate tool. See Figure 6.
Figure 6
4. INSULATION CRIMPING ADJUSTMENT
The hand tool has three insulation crimping adjustment positions to adjust the wire insulation grip: 1-Tight, 2-
Medium, and 3-Loose. To obtain the desired insulation grip, proceed as follows:
1. Insert insulation crimping adjustment pins into Position 3 as shown in Figure 1.
2. Position terminal or splice in crimping jaws as described in Section 3, Step 3.
3. Insert an UNSTRIPPED wire into only the insulation barrel sleeve of the terminal or splice.
Properly Crimped Terminal and Splice
No Wire Conductor
Strands Protruding
Tool 46673 and 46673-1
1 Hashmark
Tool 46988
2 Hashmarks
1 Hashmark on
Bottom of Terminal
2 Hashmarks on
Bottom of Splice
Crimp Centered on
Wire Barrel Sleeve
Splice
Terminal
Wire Barrel
Sleeve
Insulation
Barrel Sleeve
Insulation
Barrel Sleeve
Wire Barrel
Sleeve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com