Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301201 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 301201
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

301201 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  301201 Datasheet HTML 1Page - TE Connectivity Ltd 301201 Datasheet HTML 2Page - TE Connectivity Ltd 301201 Datasheet HTML 3Page - TE Connectivity Ltd 301201 Datasheet HTML 4Page - TE Connectivity Ltd 301201 Datasheet HTML 5Page - TE Connectivity Ltd 301201 Datasheet HTML 6Page - TE Connectivity Ltd 301201 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
408-1535
Rev T
2 of 7
2. To open the crimping jaws, close the tool handles until the CERTI-CRIMP hand crimping tool ratchet
control releases. Not that the tool handles cannot be opened until they are FULLY closed.
3. Push the locator up and, from the FRONT side of the tool, insert the terminal or splice wire barrel
sleeve into the crimping jaws making sure that the edge of the wire barrel sleeve rests against the
locator. See Figure 3 and Figure 4.
4. Close tool handles just enough to hold the terminal or splice within the crimping jaws.
Figure 3
Figure 4
CAUTION
Closing the tool handles too tightly will deform the terminal or splice.
5. Insert wire conductor through the insulation barrel sleeve and into the wire barrel sleeve until it is flush
with the outer edge of the wire barrel sleeve. See Figure 3 and Figure 4.
NOTE
The wire barrel sleeve on high-temperature terminals and splices is color-coded orange. Heat-resistant terminals and splices
are not color-coded. Refer to Figure 5.
Terminal Crimp
Edge of Wire Barrel Sleeve
Resting Against Locator
Back Side of Tool
Wire Barrel
Sleeve
Insert Wire Conductor
Through Insulation Barrel
Sleeve and into Wire Barrel
Sleeve
Terminal Tongue
Through Slot in Locator
Insulation Barrel
Sleeve
Push Locator Up So That
Terminal Tongue Slides
Through Slot in Locator
Splice Crimp (First Crimp)
Wire Barrel
Sleeve
Back Side
of Tool
Edge of Wire Barrel
Sleeve Resting
Against Locator
Open Section of Splice
in Slot in Locator
Insert Wire Conductor
Through Insulation
Barrel Sleeve and into
Wire Barrel Sleeve
Push Locator Up So That
Splice Slides Through
Slot in Locator
Insulation Barrel
Sleeve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com