| Electronic Components Datasheet Search |
|
ADP1050ACPZ-R7 Datasheet(PDF) 68 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1050ACPZ-R7 Datasheet(HTML) 68 Page - Analog Devices |
|
68 / 93 page ![]() Data Sheet ADP1050 EEPROM_DATA_09 Table 77. Register 0xB9—EEPROM_DATA_09 Bits Bit Name/Function R/W Description [7:0] EEPROM_DATA_09 R/W block Block read/write data of Page 9 of the EEPROM main block. The EEPROM must first be unlocked. EEPROM_DATA_10 Table 78. Register 0xBA—EEPROM_DATA_10 Bits Bit Name/Function R/W Description [7:0] EEPROM_DATA_10 R/W block Block read/write data of Page 10 of the EEPROM main block. The EEPROM must first be unlocked. EEPROM_DATA_11 Table 79. Register 0xBB—EEPROM_DATA_11 Bits Bit Name/Function R/W Description [7:0] EEPROM_DATA_11 R/W block Block read/write data of Page 11 of the EEPROM main block. The EEPROM must first be unlocked. EEPROM_DATA_12 Table 80. Register 0xBC—EEPROM_DATA_12 Bits Bit Name/Function R/W Description [7:0] EEPROM_DATA_12 R/W block Block read/write data of Page 12 of the EEPROM main block. The EEPROM must first be unlocked. EEPROM_DATA_13 Table 81. Register 0xBD—EEPROM_DATA_13 Bits Bit Name/Function R/W Description [7:0] EEPROM_DATA_13 R/W block Block read/write data of Page 13 of the EEPROM main block. The EEPROM must first be unlocked. EEPROM_DATA_14 Table 82. Register 0xBE—EEPROM_DATA_14 Bits Bit Name/Function R/W Description [7:0] EEPROM_DATA_14 R/W block Block read/write data of Page 14 of the EEPROM main block. The EEPROM must first be unlocked. EEPROM_DATA_15 Table 83. Register 0xBF—EEPROM_DATA_15 Bits Bit Name/Function R/W Description [7:0] EEPROM_DATA_15 R/W block Block read/write data of Page 15 of the EEPROM main block. The EEPROM must first be unlocked. EEPROM_CRC_CHKSUM Table 84. Register 0xD1—EEPROM_CRC_CHKSUM Bits Bit Name/Function R/W Description [7:0] CRC checksum R Returns the CRC checksum value from the EEPROM download operation EEPROM_NUM_RD_BYTES Table 85. Register 0xD2—EEPROM_NUM_RD_BYTES Bits Bit Name/Function R/W Description [7:0] Number of read bytes returned R/W These bits set the number of read bytes that are returned when the EEPROM_DATA_xx commands are used. Rev. A | Page 67 of 92 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |