Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1050ACPZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
ADP1050
Data Sheet
CLEAR_FAULTS
The CLEAR_FAULTS command is a send byte, no data. This command clears all PMBus fault bits in all PMBus status registers
simultaneously.
Table 15. Register 0x03—CLEAR_FAULTS
Bits
Bit Name/Function
Type
Description
N/A
CLEAR_FAULTS
Send
Clears all bits in PMBus status registers (Register 0x78 to Register 0x7E) simultaneously.
WRITE_PROTECT
The WRITE_PROTECT command is used to control writing to the PMBus device. This command provides protection against accidental
changes. This command is not intended to provide protection against deliberate or malicious changes to the configuration or operation of
the device.
Table 16. Register 0x10—WRITE_PROTECT
Bits
Bit Name/Function
R/W
Description
7
Write Protect 1
R/W
Disables writes to all commands except the WRITE_PROTECT command.
6
Write Protect 2
R/W
Disables writes to all commands except the WRITE_PROTECT and OPERATION commands.
5
Write Protect 3
R/W
Disables writes to all commands except the WRITE_PROTECT, OPERATION, ON_OFF_CONFIG, and
VOUT_COMMAND commands.
[4:0]
Reserved
R
Reserved.
RESTORE_DEFAULT_ALL
The RESTORE_DEFAULT_ALL command is a send byte, no data. This command downloads the factory default settings (including the
basic PMBus commands, the manufacturer specific extended commands (starting with 0xFE), and other data such as the checksum, the
EEPROM password, and the chip password) from the EEPROM (Page 0 of the main block) into the registers.
Table 17. Register 0x12—RESTORE_DEFAULT_ALL
Bits
Bit Name/Function
Type
Description
N/A
RESTORE_DEFAULT_ALL
Send
Restores the factory default settings from the EEPROM to the registers.
STORE_USER_ALL
The STORE_USER_ALL command is a send byte, no data. This command copies the entire contents of the registers into the EEPROM
(Page 1 of the main block) as the user settings. The settings are automatically restored on power-up of VDD.
Table 18. Register 0x15—STORE_USER_ALL
Bits
Bit Name/Function
Type
Description
N/A
STORE_USER_ALL
Send
Saves the user settings from the registers to the EEPROM.
RESTORE_USER_ALL
The RESTORE_USER_ALL command is a send byte, no data. This command downloads the stored user settings including the basic
PMBus commands, the manufacturer specific extended commands (starting with 0xFE), and other data (for example, the checksum, the
EEPROM password, and the chip password) from the EEPROM (Page 1 of the main block) into the registers.
Table 19. Register 0x16—RESTORE_USER_ALL
Bits
Bit Name/Function
Type
Description
N/A
RESTORE_USER_ALL
Send
Restores the user settings from the EEPROM to the registers.
Rev. A | Page 52 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com