| Electronic Components Datasheet Search |
|
AD8233ACBZ-R7 Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8233ACBZ-R7 Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 30 page ![]() AD8233 Data Sheet Rev. 0 | Page 24 of 29 Table 6. Comparison of High-Pass Filtering Options Figure to Reference Filter Order Component Count Low Frequency Rejection Capacitor Sizes/Values Signal Distortion1 Output Impedance2 Figure 61 1 2 Good Large Low Low Figure 63 2 4 Better Large Medium Higher Figure 64 2 5 Better Smaller Medium Low Figure 65 3 7 Best Smaller Highest Higher 1 The signal distortion is for the equivalent corner frequency location. 2 Output impedance refers to the drive capability of the high-pass filter before the low-pass filter. Low output impedance is desirable to allow flexibility in the selection of values for a low-pass filter, as explained in the Low-Pass Filtering and Gain section. The design of the high-pass filter involves trade-offs between signal distortion, component count, low frequency rejection, and component size. For example, a single-pole, high-pass filter results in the least distortion to the signal, but the associated rejection of low frequency artifacts is the lowest of the available filter options. Table 6 compares the recommended filtering options. LOW-PASS FILTERING AND GAIN The AD8233 includes an uncommitted op amp that can be used for extra gain and filtering. For applications that do not require a high order filter, a simple RC low-pass filter is sufficient, and the op amp can buffer or further amplify the signal. REFOUT FILTERED SIGNAL A1 FROM IN-AMP STAGE C R Figure 67. Schematic for a Single-Pole, Low-Pass Filter and Additional Gain A Sallen-Key filter topology can be implemented for applications that require a steeper roll-off or a sharper cutoff frequency, as shown in Figure 68. REFOUT FILTERED SIGNAL A1 FROM IN-AMP STAGE C2 C1 R2 R3 R4 R1 Figure 68. Schematic for a Two-Pole, Low-Pass Filter The following equations describe the low-pass cutoff frequency (fC), gain, and Q: fC = 1/(2π√(R1 × C1 × R2 × C2)) Gain = 1 + R3/R4 Q = ) 1 ( Gain C1 R1 C2 R2 C2 R1 C2 R2 C1 R1 Note that changing the gain has an effect on Q and vice versa. Common values for Q are 0.5, to avoid peaking, or 0.7 for max- imum flatness and a sharp cutoff frequency. Use a high Q value in narrow-band applications to increase peaking and the selectivity of the band-pass filter. A common design procedure is to set R1 = R2 = R and C1 = C2 = C, simplifying the expressions for the cutoff frequency and Q to fC = 1/(2πRC) Q = Gain 3 1 Note that Q can be controlled by setting the gain with R3 and R4; however, this limits the gain to be less than 3. For gain values equal to or greater than 3, the circuit becomes unstable. A simple modification that allows higher gains is to make the value of C2 at least four times larger than C1. Note that these design equations only hold true in a case where the output impedance of the previous stage is much lower than the input impedance of the Sallen-Key filter. The design equations do not hold true when using an ac coupling network between the instrumentation amplifier output and the input of the low- pass filter without a buffer. To connect these two filtering stages properly without a buffer, make the value of R1 at least 10 times larger than the resistor of the ac coupling network (labeled as R2 in Figure 63). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |