Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8233ACBZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 4Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 5Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 6Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 7Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 8Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 9Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 10Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 11Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Data Sheet
AD8233
Rev. 0 | Page 7 of 29
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
AD8233
1
A
B
C
D
23
4
BALL A1
INDICATOR
5
GND
+VS
REFIN HPSENSE HPDRIVE
SDN
AC/DC
FR
IAOUT
+IN
LOD
RLD SDN REFOUT RLDFB
–IN
OUT
OPAMP– OPAMP+
SW
RLD
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
GND
Power Supply Ground.
A2
+VS
Power Supply Terminal.
A3
REFIN
Reference Buffer Input. Use REFIN, a high impedance input terminal, to set the level of the reference buffer.
A4
HPSENSE
High-Pass Sense Input for Instrumentation Amplifier. Connect HPSENSE to the junction of R and C that sets the
corner frequency of the dc blocking circuit.
A5
HPDRIVE
High-Pass Driver Output. Connect HPDRIVE to the capacitor in the first high-pass filter. The AD8233 drives this pin
to keep HPSENSE at the same level as the reference voltage.
B1
SDN
Shutdown Control Input. Drive SDN low to enter the low power shutdown mode.
B2
AC/DC
Leads Off Mode Control Input. Drive the AC/DC pin low for dc leads off mode. Drive the AC/DC pin high for ac
leads off mode.
B3
FR
Fast Restore Control Input. Drive FR high to enable fast recovery mode; otherwise, drive it low.
B4
IAOUT
Instrumentation Amplifier Output Terminal.
B5
+IN
Instrumentation Amplifier, Positive Input. +IN is typically connected to the left arm (LA) electrode.
C1
LOD
Leads Off Detection (LOD) Comparator Output.
C2
RLD SDN
Right Leg Drive Shutdown Control Input. Drive RLD SDN low to power down the RLD amplifier.
C3
REFOUT
Reference Buffer Output. The instrumentation amplifier output is referenced to this potential. Use REFOUT as a
virtual ground for any point in the circuit that requires a signal reference.
C4
RLDFB
Right Leg Drive Feedback Input. RLDFB is the feedback terminal for the right leg drive circuit.
C5
−IN
Instrumentation Amplifier, Negative Input. −IN is typically connected to the right arm (RA) electrode.
D1
OUT
Operational Amplifier Output. The fully conditioned heart rate signal is present at this output. OUT can be
connected to the input of an ADC.
D2
OPAMP−
Operational Amplifier Inverting Input.
D3
OPAMP+
Operational Amplifier Noninverting Input.
D4
SW
Fast Restore Switch Terminal. Connect this terminal to the output of the second high-pass filter.
D5
RLD
Right Leg Drive Output. Connect the driven electrode (typically, right leg) to the RLD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com