Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4939-2YCPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4939-2YCPZ-R2
Description  Ultralow Distortion, Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4939-2YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4939-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADA4939-1/ADA4939-2
Data Sheet
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
5 V Operation ............................................................................... 3
 
3.3 V Operation ............................................................................ 5
 
Absolute Maximum Ratings............................................................ 7
 
Thermal Resistance ...................................................................... 7
 
Maximum Power Dissipation ..................................................... 7
 
ESD Caution.................................................................................. 7
 
Pin Configurations and Function Descriptions ........................... 8
 
Typical Performance Characteristics ............................................. 9
 
Test Circuits..................................................................................... 15
 
Operational Description................................................................ 16
 
Definition of Terms.................................................................... 16
 
Theory of Operation ...................................................................... 17
 
Analyzing an Application Circuit ............................................ 17
 
Setting the Closed-Loop Gain .................................................. 17
 
Stable for Gains ≥2 ..................................................................... 17
 
Estimating the Output Noise Voltage ...................................... 17
 
Impact of Mismatches in the Feedback Networks................. 18
 
Calculating the Input Impedance for an Application Circuit
....................................................................................................... 19
 
Input Common-Mode Voltage Range ..................................... 21
 
Input and Output Capacitive AC Coupling............................ 21
 
Minimum RG Value of 50 Ω ...................................................... 21
 
Setting the Output Common-Mode Voltage .......................... 21
 
Layout, Grounding, and Bypassing.............................................. 22
 
High Performance ADC Driving ................................................. 23
 
Outline Dimensions ....................................................................... 24
 
Ordering Guide .......................................................................... 24
 
REVISION HISTORY
5/2016—Rev. 0 to Rev. A
Changed ADA4939 to ADA4939-1/ADA4939-2, CP-16-2 to
CP-16-21, and CP-24-1 to CP-24-10........................... Throughout
Changes to Figure 5, Figure 6, Table 9, and Table 10................... 8
Changes to Figure 54...................................................................... 23
Updated Outline Dimensions ....................................................... 24
Changes to Ordering Guide .......................................................... 24
5/2008—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com