Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMA64A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMA64A
Description  Transient voltage suppressor diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMA64A Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMA64A Datasheet HTML 1Page - NXP Semiconductors PSMA64A Datasheet HTML 2Page - NXP Semiconductors PSMA64A Datasheet HTML 3Page - NXP Semiconductors PSMA64A Datasheet HTML 4Page - NXP Semiconductors PSMA64A Datasheet HTML 5Page - NXP Semiconductors PSMA64A Datasheet HTML 6Page - NXP Semiconductors PSMA64A Datasheet HTML 7Page - NXP Semiconductors PSMA64A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Jan 26
2
Philips Semiconductors
Product specification
Transient voltage suppressor diodes
PSMA8.5A to PSMA78A
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• UL 94V-O classified plastic
package
• Transient suppressor stand-off
voltage range: 8.5 to 78 V for
26 types
• Supplied in 12 mm embossed tape.
DESCRIPTION
DO-214AC surface mountable
package with glass passivated chip.
The well-defined void-free case is of a
transfer-moulded thermo-setting
plastic.
Fig.1 Simplified outline (DO-214AC; SOD106) and symbol.
handbook, 4 columns
MSA473
cathode
band
Top view
Side view
,,
,,
,,
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
PRSM
non-repetitive peak reverse power
dissipation
10/1000
µs exponential pulse;
Tj =25 °C prior to surge;
see Figs.3 and 5
400
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com