Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMA64A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMA64A
Description  Transient voltage suppressor diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMA64A Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMA64A Datasheet HTML 1Page - NXP Semiconductors PSMA64A Datasheet HTML 2Page - NXP Semiconductors PSMA64A Datasheet HTML 3Page - NXP Semiconductors PSMA64A Datasheet HTML 4Page - NXP Semiconductors PSMA64A Datasheet HTML 5Page - NXP Semiconductors PSMA64A Datasheet HTML 6Page - NXP Semiconductors PSMA64A Datasheet HTML 7Page - NXP Semiconductors PSMA64A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Jan 26
4
Philips Semiconductors
Product specification
Transient voltage suppressor diodes
PSMA8.5A to PSMA78A
Note
1. Tolerance and Voltage Designation: Tolerance designation - The type number listed indicates a tolerance of
±.5%
THERMAL CHARACTERISTICS
Notes
1. Device mounted on an Al2O3 printed-circuit board, 0.7 mm thick; thickness of Cu-layer ≥35 µm, see Fig.4.
2. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.4.
For more information please refer to the
‘General part of the associated handbook’.
PSMA36A
36
40.0
1
58.1
6.9
2.5
PSMA40A
40
44.4
1
64.5
6.2
2.5
PSMA43A
43
47.8
1
69.4
5.8
2.5
PSMA45A
45
50.0
1
72.2
5.5
2.5
PSMA48A
48
53.3
1
77.4
5.2
2.5
PSMA51A
51
56.7
1
82.4
4.9
2.5
PSMA54A
54
60.0
1
87.1
4.6
2.5
PSMA58A
58
64.4
1
93.6
4.3
2.5
PSMA60A
60
66.7
1
96.8
4.1
2.5
PSMA64A
64
71.1
1
103.0
3.9
2.5
PSMA70A
70
77.8
1
113.0
3.5
2.5
PSMA75A
75
83.3
1
121.0
3.3
2.5
PSMA78A
78
86.7
1
126.0
3.2
2.5
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
25
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
note 2
150
K/W
DEVICE
(note 1)
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
REVERSE
VOLTAGE
(max)
@IRSM
(CLAMPING
VOLTAGE)
REVERSE
SURGE
CURRENT
(max)
REVERSE
LEAKAGE
CURRENT
(max)
@VRWM
VRWM
(V)
VBR
min.
(V)
IT
(mA)
VRSM
(V)
IRSM
(A)
IR
(
µA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com