Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79C970 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 35Page - Advanced Micro Devices AM79C970 Datasheet HTML 36Page - Advanced Micro Devices AM79C970 Datasheet HTML 37Page - Advanced Micro Devices AM79C970 Datasheet HTML 38Page - Advanced Micro Devices AM79C970 Datasheet HTML 39Page - Advanced Micro Devices AM79C970 Datasheet HTML 40Page - Advanced Micro Devices AM79C970 Datasheet HTML 41Page - Advanced Micro Devices AM79C970 Datasheet HTML 42Page - Advanced Micro Devices AM79C970 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 168 page
background image
AMD
P R E L I M I N A R Y
1-906
Am79C970
It is not necessary for the software to insure that the
buffer address pointer contained in descriptor word 0
matches the address restrictions given in the table. If the
buffer pointer does not meet the conditions set forth in
the table, then the PCnet-PCI controller will simply post-
pone the start of linear bursting until enough non-burst
FIFO DMA transfers have been performed to bring the
current working buffer pointer value to a valid linear
burst starting address. This operation is referred to as
aligning the buffer address to a valid linear burst starting
address. Once this has been done, the PCnet-PCI con-
troller will recognize that the address for the current ac-
cess is a valid linear burst starting address, and it will
automatically begin to perform linear burst accesses at
that time, provided of course that the software has en-
abled the linear burst mode.
Note that if the software would provide only valid linear
burst starting addresses in the buffer pointer, then the
PCnet-PCI controller could avoid performing the align-
ment operation. It would begin linear burst accesses on
the very first of the buffer transfers thereby allowing a
slight gain in bus bandwidth efficiency.
Linear Burst DMA Address Alignment
Linear bursting may begin during a bus mastership pe-
riod which was initially performing only non-burst
operations. A change from non-burst operation to linear
bursting will normally occur during linear burst DMA ad-
dress alignment operations.
If the PCnet-PCI controller is programmed for burst
mode (i.e. BREADE and/or BWRITE bits of BCR18 are
set to ONE), and the PCnet-PCI controller requests the
bus, but the starting address of the first transaction does
not meet the conditions as specified in the table above,
then the PCnet-PCI controller will perform non-burst ac-
cesses until it arrives at an address that does meet the
conditions described in the table. At that time, and with-
out releasing the bus, the PCnet-PCI controller will in-
voke the linear burst mode.
Figure 16 shows an example of a linear burst DMA align-
ment operation being performed. The first access to the
transmit buffer is in non-burst mode, because the cur-
rent address does not align with a linear burst boundary.
The PCnet-PCI controller switches to burst mode begin-
ning with the second transfer.
REQ stays asserted dur-
ing all transfers.
18220C-18
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
1234567
8
n0Ch
0000
0110
11
10
9
PAR
PAR
DATA
n10h
DATA
DATA
PAR
PAR
PAR
DEVSEL is sampled by the PCnet-PCI controller.
0000
1110
Figure 16. Burst Alignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com