Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79C970 Datasheet (PDF) - Advanced Micro Devices

AM79C970 Datasheet PDF - Advanced Micro Devices
Part # AM79C970
Download  AM79C970 Download
File Size   943.81 Kbytes
Page   168 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus

AM79C970 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM79C970 Datasheet PDF - Advanced Micro Devices

Part # AM79C970
Download  AM79C970 Click to download

File Size   943.81 Kbytes
Page   168 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus

AM79C970 Datasheet (HTML) - Advanced Micro Devices


AM79C970 Product details

GENERAL DESCRIPTION

The PCnet-PCI single-chip 32-bit Ethernet controller is a highly integrated Ethernet system solution designed to address high-performance system application requirements. It is a flexible bus-mastering device that can be used in any application, including network-ready PCs, printers, fax modems, and bridge/router designs.



DISTINCTIVE CHARACTERISTICS

■Single-chip Ethernet controller for the Periph eral Component Interconnect (PCI) local bus

■Supports ISO 8802-3 (IEEE/ANSI 802.3) and Ethernet Standards

■Direct interface to the PCI local bus

■Compliant to PCI local bus specification(Revision 2.0)

■Software compatible with AMD’s Am7990

   LANCE, Am79C90 C-LANCE, Am79C960

   PCnet-ISA, Am79C961 PCnet-ISA+, Am79C965

   PCnet-32, and Am79C900 ILACCTM register and descriptor architecture

■Compatible with Am2100/Am1500T and Novell NE2100/NE1500 driver software

■High-performance Bus Master architecture with integrated DMA Buffer Management Unit for low CPU and bus utilization

■Big endian byte alignment supported

■Single +5 V power supply operation

■Low-power, CMOS design with sleep modes allows reduced power consumption for critical battery powered applications and Green PCs

■MicrowireTM EEPROM interface supports jumperless design

■Individual 136-byte transmit and 128-byte receive FIFOs provide frame buffering for increased system latency, and support the following features:

— Automatic retransmission with no FIFO reload

— Automatic receive stripping and transmit padding (individually programmable)

— Automatic runt packet rejection

— Automatic deletion of received collision frames

■Look-Ahead Packet Processing (LAPP) concept allows protocol analysis to begin before end of receive frame

■Integrated Manchester Encoder/Decoder

■Provides integrated Attachment Unit Interface (AUI) and 10BASE-T transceiver with automatic port selection

■Automatic Twisted-Pair receive polarity detection and automatic correction of the receive polarity

■Optional byte padding to long-word boundary on receive

■Dynamic transmit FCS generation programmable on a frame-by-frame basis

■Internal/external loopback capabilities

■Supports the following types of network interfaces:

— AUI to external 10BASE2, 10BASE5,10BASE-T or 10BASE-F MAU

— Internal 10BASE-T transceiver with Smart Squelch to Twisted-Pair medium

■NAND Tree test mode for connectivity testing on printed circuit boards

■132-pin PQFP package



 




Similar Part No. - AM79C970

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C970 PULSE-AM79C970 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKC AMD-AM79C970AKC Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKCW AMD-AM79C970AKCW Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AVCW AMD-AM79C970AVCW Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
More results


Similar Description - AM79C970

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6953 NSC-LMC6953 Datasheet
218Kb / 12P
PCI Local Bus Power Supervisor
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
PCnetTM-ISA Single-Chip Ethernet Controller
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
AM79C974 AMD-AM79C974 Datasheet
838Kb / 153P
PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
Advanced Micro Devices
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
logo
Texas Instruments
LMC6953 TI1-LMC6953 Datasheet
944Kb / 19P
LMC6953 PCI Local Bus Power Supervisor
logo
List of Unclassifed Man...
21140 ETC-21140 Datasheet
1Mb / 43P
Otffers a single-chip Fast Bthernet controller for PCI local bus
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com