Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLF2012DR47XT Datasheet(PDF) 1 Page - TDK Electronics

Part # MLF2012DR47XT
Description  SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012DR47XT Datasheet(HTML) 1 Page - TDK Electronics

  MLF2012DR47XT Datasheet HTML 1Page - TDK Electronics MLF2012DR47XT Datasheet HTML 2Page - TDK Electronics MLF2012DR47XT Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
MLF Series MLF2012 Type
For General Applications
SMD
FEATURES
• High-reliability monolithic structure.
• Ferrite core and magnetic shielding enables the design of com-
pact circuits with high packing density.
• Excellent solderability and high heat resistance permits either
flow or reflow soldering.
APPLICATIONS
Personal computers, HDDs, or other various electronic appliances.
SPECIFICATIONS
RECOMMENDED REFLOW SOLDERING CONDITIONS
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Material code
(4) Inductance value
(5) Inductance tolerance
(6) Packaging style
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components.
The preheating temperature should be set so that the tempera-
ture difference between the solder temperature and product
temperature does not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• The inductance value may change due to magnetic saturation if
the current exceeds the rated maximum.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
300°C. Soldering time should not exceed 3 seconds.
Operating temperature range
–25 to +85°C
Storage temperature range
–40 to +85°C[Unit of products]
10s max.
40s max.
Preheating 60 to 120s min.
Natural
cooling
220°C
200°C
150°C
Time(s)
1608
1.6
×0.8mm
2012
2.0
×1.25mm
47N
47nH[0.047
µH]
R15
0.15
µH
1R0
1
µH
100
10
µH
K
±10%
M
±20%
T
Taping [reel]
Packaging style
Product’s thickness
Quantity
Taping
0.8/0.85mm
4000 pieces/reel
1.25mm
2000 pieces/reel
MLF 1608 A 1R0 K
T
(1)
(2)
(3) (4) (5) (6)


Similar Part No. - MLF2012DR47XT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF2012DR47JT000 TDK-MLF2012DR47JT000 Datasheet
142Kb / 3P
Inductors (Coils)
MLF2012DR47JTD25 TDK-MLF2012DR47JTD25 Datasheet
211Kb / 3P
Inductors (Coils)
MLF2012DR47KT TDK-MLF2012DR47KT Datasheet
123Kb / 10P
Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
MLF2012DR47KT000 TDK-MLF2012DR47KT000 Datasheet
143Kb / 3P
Inductors (Coils)
MLF2012DR47KTD25 TDK-MLF2012DR47KTD25 Datasheet
212Kb / 3P
Inductors (Coils)
More results

Similar Description - MLF2012DR47XT

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEPH205 SUMIDA-CEPH205 Datasheet
58Kb / 1P
SMD
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
SHIELDED SMD SHIELDED SMD
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
SHIELDED SMD SHIELDED SMD
logo
Ningbo Foryard Optoelec...
FYLS-0603YC FORYARD-FYLS-0603YC Datasheet
152Kb / 5P
SMD
FYLS-0603BYW FORYARD-FYLS-0603BYW Datasheet
243Kb / 5P
SMD
FYLS-0603BGW FORYARD-FYLS-0603BGW Datasheet
155Kb / 5P
SMD
logo
Shindengen Electric Mfg...
G1VL24C SHINDENGEN-G1VL24C Datasheet
136Kb / 4P
SMD
KU10R27NS SHINDENGEN-KU10R27NS Datasheet
126Kb / 4P
SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com