Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLF2012DR47XT Datasheet(PDF) 2 Page - TDK Electronics

Part # MLF2012DR47XT
Description  SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012DR47XT Datasheet(HTML) 2 Page - TDK Electronics

  MLF2012DR47XT Datasheet HTML 1Page - TDK Electronics MLF2012DR47XT Datasheet HTML 2Page - TDK Electronics MLF2012DR47XT Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
MLF Series MLF2012 Type
For General Applications
SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗1 47N means for 47nH (0.047µH).
∗2 X: Please specify inductance tolerance, M(±20%) or K(±10%)
Inductance
(µH)
Inductance
tolerance
Q
Test
frequency
L, Q (MHz)
Self-resonant
frequency (MHz)
DC resistance
(
Ω)
Rated
current
(mA) max.
Thickness
T
(mm)
Part No.
min.
nom.
min.
nom.
max.
nom.
0.047
±20%
15
25
50
320
400
0.2
0.11
300
0.85
MLF2012D47N∗1X∗2T
0.068
±20%
15
25
50
280
350
0.2
0.11
300
0.85
MLF2012D68NXT
0.082
±20%
15
25
50
255
320
0.2
0.11
300
0.85
MLF2012D82NXT
0.1
±20, ±10%
20
30
25
235
300
0.3
0.16
250
0.85
MLF2012DR10XT
0.12
±20, ±10%
20
30
25
220
280
0.3
0.16
250
0.85
MLF2012DR12XT
0.15
±20, ±10%
20
30
25
200
250
0.4
0.21
250
0.85
MLF2012DR15XT
0.18
±20, ±10%
20
30
25
185
230
0.4
0.21
250
0.85
MLF2012DR18XT
0.22
±20, ±10%
20
30
25
170
220
0.5
0.26
250
0.85
MLF2012DR22XT
0.27
±20, ±10%
20
30
25
150
200
0.5
0.26
250
0.85
MLF2012DR27XT
0.33
±20, ±10%
20
30
25
145
180
0.55
0.31
250
0.85
MLF2012DR33XT
0.39
±20, ±10%
25
35
25
135
170
0.65
0.36
200
0.85
MLF2012DR39XT
0.47
±20, ±10%
25
35
25
125
160
0.65
0.36
200
1.25
MLF2012DR47XT
0.56
±20, ±10%
25
35
25
115
150
0.75
0.41
150
1.25
MLF2012DR56XT
0.68
±20, ±10%
25
35
25
105
135
0.8
0.46
150
1.25
MLF2012DR68XT
0.82
±20, ±10%
25
35
25
100
125
1
0.56
150
1.25
MLF2012DR82XT
1
±20, ±10%
45
55
10
75
105
0.4
0.21
50
0.85
MLF2012A1R0XT
1.2
±20, ±10%
45
55
10
65
95
0.5
0.26
50
0.85
MLF2012A1R2XT
1.5
±20, ±10%
45
55
10
60
85
0.5
0.26
50
0.85
MLF2012A1R5XT
1.8
±20, ±10%
45
55
10
55
78
0.6
0.31
50
0.85
MLF2012A1R8XT
2.2
±20, ±10%
45
60
10
50
70
0.65
0.36
30
0.85
MLF2012A2R2XT
2.7
±20, ±10%
45
60
10
45
64
0.75
0.41
30
1.25
MLF2012A2R7XT
3.3
±20, ±10%
45
60
10
41
58
0.8
0.46
30
1.25
MLF2012A3R3XT
3.9
±20, ±10%
45
60
10
38
53
0.9
0.51
30
1.25
MLF2012A3R9XT
4.7
±20, ±10%
45
60
10
35
48
1
0.56
30
1.25
MLF2012A4R7XT
5.6
±20, ±10%
50
60
4
32
44
0.9
0.51
15
1.25
MLF2012E5R6XT
6.8
±20, ±10%
50
60
4
29
40
1
0.56
15
1.25
MLF2012E6R8XT
8.2
±20, ±10%
50
60
4
26
36
1.1
0.61
15
1.25
MLF2012E8R2XT
10
±20, ±10%
50
60
2
24
33
1.15
0.66
15
1.25
MLF2012E100XT
12
±20, ±10%
50
60
2
22
30
1.25
0.71
15
1.25
MLF2012E120XT
15
±20, ±10%
30
40
1
19
27
0.8
0.46
5
1.25
MLF2012C150XT
18
±20, ±10%
30
40
1
18
25
0.9
0.51
5
1.25
MLF2012C180XT
22
±20, ±10%
30
40
1
16
22
1.1
0.61
5
1.25
MLF2012C220XT
27
±20, ±10%
30
40
1
14
20
1.15
0.66
5
1.25
MLF2012C270XT
33
±20, ±10%
30
40
0.4
13
18
1.25
0.71
5
1.25
MLF2012C330XT
39
±20, ±10%
35
55
2
8
15
2.9
2
4
1.25
MLF2012K390XT
47
±20, ±10%
35
55
2
7.5
14
3
2.1
4
1.25
MLF2012K470XT
56
±20, ±10%
35
55
2
7
13
3.1
2.2
4
1.25
MLF2012K560XT
68
±20, ±10%
25
40
1
6.5
12
2.9
2
2
1.25
MLF2012C680XT
82
±20, ±10%
25
40
1
6
11
3
2.1
2
1.25
MLF2012C820XT
100
±20, ±10%
25
40
1
5.5
10
3.1
2.2
2
1.25
MLF2012C101XT
Weight(mg)
10
14
T
0.85
±0.2
1.25
±0.2
2+0.3, – 0.1
0.5
±0.3
2.6
1
Dimensions in mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com