Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-300 Datasheet(PDF) 9 Page - CUI INC

Part # VOF-300
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-300 Datasheet(HTML) 9 Page - CUI INC

Back Button VOF-300 Datasheet HTML 2Page - CUI INC VOF-300 Datasheet HTML 3Page - CUI INC VOF-300 Datasheet HTML 4Page - CUI INC VOF-300 Datasheet HTML 5Page - CUI INC VOF-300 Datasheet HTML 6Page - CUI INC VOF-300 Datasheet HTML 7Page - CUI INC VOF-300 Datasheet HTML 8Page - CUI INC VOF-300 Datasheet HTML 9Page - CUI INC VOF-300 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
cui.com
date 12/06/2016
│ page 9 of 10
CUI Inc
│ SERIES: VOF-300 │ DESCRIPTION: AC-DC POWER SUPPLY
On/off Remote Control
A PS On/Off remote control is provided in CN4. See Figure 1 for the PS-ON diagram and control function.
APPLICATION NOTES
VOF-300
Figure 1
Note: Power on: V
PS-ON ≤ 2V, IPS-ON ≥ 2 mA
(PS-ON and GND short, I
PS-ON = 4.5 mA typical)
Power off: Open circuit, V
PS-ON = 11~16 V
When the PS On/off remote control function is not
used, connect a short circuit between the PS-ON
control & the signal GND.
Output Remote Sensing
The VOF-300 series can remotely sense both lines of the output. The feature moves the effective voltage regulation point
from the output of the unit to the point of connection of the remote sense pins. This feature automatically adjusts the real
output in order to compensate for voltage drops in distribution and maintain a regulated voltage at the point of load. The
remote sense voltage range is as follows:
[(+Vout) – (-Vout)] – [(+Sense) – (-Sense)] ≤ 10% Vo_nominal
If the remote sense is not used, the sense pins should be connected locally to the respective Vout pins. The remote sense pins are located
on CN4.
AC_L
AC_N
PE
VOF-300
Series
+Vo
-Vo
+Sense
-Sense
Load
Figure 2
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com