Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-300 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-300
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-300 Datasheet(HTML) 2 Page - CUI INC

  VOF-300 Datasheet HTML 1Page - CUI INC VOF-300 Datasheet HTML 2Page - CUI INC VOF-300 Datasheet HTML 3Page - CUI INC VOF-300 Datasheet HTML 4Page - CUI INC VOF-300 Datasheet HTML 5Page - CUI INC VOF-300 Datasheet HTML 6Page - CUI INC VOF-300 Datasheet HTML 7Page - CUI INC VOF-300 Datasheet HTML 8Page - CUI INC VOF-300 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 12/06/2016
│ page 2 of 10
CUI Inc
│ SERIES: VOF-300 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
at 100 Vac
at 240 Vac
4.0
1.8
A
A
inrush current
at 240 Vac, 25°C, cold start
30
A
leakage current
3.5
mA
power factor correction
meets EN 61000-3-2
no load power consumption
measured with the PS-ON signal configured to OFF
0.3
W
OUTPUT
parameter
conditions/description
min
typ
max
units
output capacitance
at 115/230 Vac, full load
12 Vdc output models
24 Vdc output models
36 Vdc output models
48 Vdc output models
25,000
12,500
5,000
3,750
μF
μF
μF
μF
initial set point accuracy
at full load, 25°C
Vo
Vstb
±1
±3
%
%
line regulation
high line to low line at full load
Vo
Vstb
±0.5
±1
%
%
load regulation
from full to 10% load
Vo
Vstb
±1
±5
%
%
hold-up time
at 115 Vac
16
ms
adjustability
built in trim pot (VR)
±5
%
switching frequency
at full load
60
80
kHz
temperature coefficient
±0.05
%/°C
PS-ON signal1
power on
PS-ON
0
2
Vdc
PS-ON = 0V
4.5
mA
power off
PS-ON = NC (internal circuit will drive PS-On to 11~16 Vdc)
PS-ON = NC
0
mA
power good (PG)
TTL goes high 50~250 ms after powered on
TTL goes low 5~20 ms before 90% Vo
standby output voltage
5 Vdc / 1 A
fan output
12 Vdc / 500 mA
Notes:
1. When not used, short PS-ON & signal GND.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
latch mode
12 Vdc output models
24 Vdc output models
36 Vdc output models
48 Vdc output models
15
30
43
56
Vdc
Vdc
Vdc
Vdc
over current protection
hiccup, auto recovery
130
150
180
%
short circuit protection
auto recovery
over temperature protection
auto recovery (temperature of C37)
110
°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com