Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB84604 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 12Page - Microchip Technology USB84604 Datasheet HTML 13Page - Microchip Technology USB84604 Datasheet HTML 14Page - Microchip Technology USB84604 Datasheet HTML 15Page - Microchip Technology USB84604 Datasheet HTML 16Page - Microchip Technology USB84604 Datasheet HTML 17Page - Microchip Technology USB84604 Datasheet HTML 18Page - Microchip Technology USB84604 Datasheet HTML 19Page - Microchip Technology USB84604 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
USB84604
DS60001295C-page 16
 2014-2016 Microchip Technology Inc.
1
Port 1 Power
Output
PRTPWR1
O8
Firmware 1070, 1080: Enables power to a down-
stream USB device attached to Port 1.
0 = Power disabled on downstream Port 1
1 = Power enabled on downstream Port 1
General Pur-
pose I/O 41
PIO41
IS/O8/
OD8
General purpose I/O 41
1
Port 2 Power
Output
PRTPWR2
O8
Enables power to a downstream USB device
attached to Port 2.
0 = Power disabled on downstream Port 2
1 = Power enabled on downstream Port 2
General Pur-
pose I/O 42
PIO42
IS/O8/
OD8
General purpose I/O 42
1
Port 3 Power
Output
PRTPWR3
O8
Enables power to a downstream USB device
attached to Port 3.
0 = Power disabled on downstream Port 3
1 = Power enabled on downstream Port 3
General Pur-
pose I/O 43
PIO43
IS/O8/
OD8
General purpose I/O 43
1
Port 4 Power
Output
PRTPWR4
O8
Enables power to a downstream USB device
attached to Port 4.
0 = Power disabled on downstream Port 4
1 = Power enabled on downstream Port 4
General Pur-
pose I/O 44
PIO44
IS/O8/
OD8
General purpose I/O 44
1
General Pur-
pose I/O 3
PIO3
IS/O8/
OD8
General purpose I/O 3
1
General Pur-
pose I/O 8
PIO8
IS/O8/
OD8
General purpose I/O 8
1
General Pur-
pose I/O 10
PIO10
IS/O8/
OD8
General purpose I/O 10
1
No Connect
NC
-
These pins must be left floating for normal device
operation.
Power
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com