Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB84604 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 4Page - Microchip Technology USB84604 Datasheet HTML 5Page - Microchip Technology USB84604 Datasheet HTML 6Page - Microchip Technology USB84604 Datasheet HTML 7Page - Microchip Technology USB84604 Datasheet HTML 8Page - Microchip Technology USB84604 Datasheet HTML 9Page - Microchip Technology USB84604 Datasheet HTML 10Page - Microchip Technology USB84604 Datasheet HTML 11Page - Microchip Technology USB84604 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
USB84604
DS60001295C-page 8
 2014-2016 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
This section provides a detailed description of each pin. The signals are arranged in functional groups according to their
associated interface.
The “_N” symbol in the signal name indicates that the active, or asserted, state occurs when the signal is at a low voltage
level. For example, RESET_N indicates that the reset signal is active low. When “_N” is not present after the signal
name, the signal is asserted at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “active high” signals. The term assert, or assertion, indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is inac-
tive.
Note:
The buffer type for each signal is indicated in the BUFFER TYPE column of Table 3-1. A description of the
buffer types is provided in Section 3.2.
Note:
Compatibility with the Microchip UCS8100x family of USB port power controllers requires the UCS8100x
be connected on Port 1 of the USB84604. Additionally, both PRTPWR1 and OCS1_N must be pulled high
at Power-On Reset (POR).
TABLE 3-1:
PIN DESCRIPTIONS
Num Pins
Name
Symbol
Buffer
Type
Description
USB/HSIC Interfaces
1
Upstream
USB D+
(Flex Port 0)
FLEX_USBUP_DP
AIO
Upstream USB Port 0 D+ data signal.
See Note 1.
Note:
The upstream Port 0 signals can be
optionally swapped with the down-
stream Port 1 signals.
Port 0 D+
Disable
Configuration
Strap
PRT_DIS_P0
IS
This strap is used in conjunction with
PRT_DIS_M0 to disable USB Port 0.
0 = Port 0 D+ Enabled
1 = Port 0 D+ Disabled
Note:
Both PRT_DIS_P0 and PRT_DIS_M0
must be tied to VDD33 at reset to
place Port 0 into HSIC mode.
See Note 2 for more information on configuration
straps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com