Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDM Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # KDM
Description  250V and 600V cable limiters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KDM Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  KDM Datasheet HTML 1Page - Cooper Bussmann, Inc. KDM Datasheet HTML 2Page - Cooper Bussmann, Inc. KDM Datasheet HTML 3Page - Cooper Bussmann, Inc. KDM Datasheet HTML 4Page - Cooper Bussmann, Inc. KDM Datasheet HTML 5Page - Cooper Bussmann, Inc. KDM Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data 1042
Effective December 2015
Cable limiters
Eaton.com/bussmannseries
Catalog
symbol
Copper
cable size
A
B
C
D
E
F
G
H
J
KQV
12AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.19 (4.8)
0.125 (3.2)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KQT
10AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.23 (6.0)
0.14 (3.6)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KFZ
8AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.23 (6.0)
0.16 (4.0)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KIG
6AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.16 (4.0)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDY
4AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.25 (6.4)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDA
2AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.44 (11.1)
0.31 (7.9)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDB
1AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.47 (11.9)
0.34 (8.7)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDC
1/0AWG
1.5 (38.1)
2.625 (66.7)
1.25 (31.8)
0.52 (13.1)
0.39 (9.9)
3.38 (85.7)
0.88 (22.2)
0.25 (6.4)
1.125 (28.6)
KDD
2/0AWG
1.63 (41.3)
2.625 (66.7)
1.25 (31.8)
0.56 (14.3)
0.44 (11.1)
3.38 (85.7)
0.88 (22.2)
0.25 (6.4)
1.125 (28.6)
KDE
3/0AWG
1.63 (41.3)
3.63 (92.1)
1.44 (36.5)
0.61 (15.5)
0.48 (12.3)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
KDF
4/0AWG
1.75 (44.5)
3.63 (92.1)
1.44 (36.5)
0.69 (17.5)
0.55 (13.9)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
KDH
250kcmil
1.88 (47.6)
3.63 (92.1)
1.44 (36.5)
0.75 (19.0)
0.59 (15.0)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
KDJ†
350kcmil
2.0 (50.8)
3.63 (92.1)
1.63 (41.3)
0.88 (22.2)
0.70 (17.8)
3.38 (85.7)
1.06 (27.0)
0.25 (6.4)
1.125 (28.6)
KDM*,†
500kcmil
2.88 (73.0)
3.08 (78.2)
1.88 (47.6)
1.06 (27.0)
0.83 (21.0)
3.38 (85.7)
1.19 (30.2)
0.25 (6.4)
1.63 (41.3)
KDU
600kcmil
3.5 (88.9)
3.75 (95.2)
2.5 (63.5)
1.16 (29.4)
0.92 (23.4)
3.5 (88.9)
1.5 (38.1)
0.25 (6.4)
2.0 (50.8)
KDR*, ††
750kcmil
3.5 (88.9)
3.75 (95.2)
2.5 (63.5)
1.31 (33.3)
1.06 (27.0)
3.5 (88.9)
1.5 (38.1)
0.25 (6.4)
2.0 (50.8)
* UL Listed, File E90818, 600Vac, 200kA I.R.
† Available with molded rubber boot “-B” suffix. Boot can be purchased separately, order Part# - BOOT-KDM
††Available with shrink tube “–V” suffix.
A
C
E
D
B
F
G
H
J
1.63"
(41.3mm)
0.56"
(14.3mm)
0.56"
(14.3mm)
0.125"
(3.18mm)
Bolt
terminal
detail
Terminals:
Tube-to-offset bolt — copper conductor only
Dimensions - in (mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com