Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDM Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # KDM
Description  250V and 600V cable limiters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KDM Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  KDM Datasheet HTML 1Page - Cooper Bussmann, Inc. KDM Datasheet HTML 2Page - Cooper Bussmann, Inc. KDM Datasheet HTML 3Page - Cooper Bussmann, Inc. KDM Datasheet HTML 4Page - Cooper Bussmann, Inc. KDM Datasheet HTML 5Page - Cooper Bussmann, Inc. KDM Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 1042
Effective December 2015
Supersedes February 2015
Product description:
Cable limiters are intended to provide short-
circuit protection to electrical systems, typically
between the transformer and service entrance.
Should a short-circuit occur, the cable limiter
removes the affected cable(s) from service
and permits the other conductors to continue
delivering power.
Cable limiters are often used in utility low volt-
age networks and large multi-cable per phase
service entrances.
Unlike fuses, cable limiters are selected by
cable size rather than amperage, e.g., a “4/0”
limiter will carry the current of a 4/0 cable.
Limiters are stable, totally self-contained, static
devices with unchanging characteristics that
operate without venting of ionized gases or
explosive action.
Under high short-circuit conditions, limiters
cut off fault currents within one-half cycle
(0.008 seconds) and reduce insulation damage
from the immense heat that is developed
by sustained fault current flow. They confine
damage to the point of the short-circuit and
stop long-length cable burn-back and striking
of multiple arcs to minimize damage to or
eliminate damage to adjacent conductors.
Features and benefits:
Cable limiters enhance multi-conductor
system reliability by isolating faulted
conductors and taking them offline while
the balance of the conductors continue
delivering power to their circuits. This is why
cable limiters are often used in utility low
voltage networks and large multi-cable per
phase service entrances.
Cable limiters enhance service entrance
conductor short-circuit protection with
current-limiting performance that exceed
the typical protection offered by utility
overcurrent protective devices.
Cable limiters meet many system
requirements with 250Vac or 600Vac
ratings for conductor sizes from 12AWG to
1000kcmil and terminal options available that
make them easy to install including: tube-
to-tube (crimp), tube-to-bolt (crimp/bolt-in),
compression rod-to-tube (crimp) and bolt-to-
offset bolt (bolt-in) options.
Select cable limiters are UL® Listed under
File E90818 for use on 600V circuit for the
protection of faults up to 200kA.
250V and 600V cable limiters


Similar Part No. - KDM

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KDM EATON-KDM Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
List of Unclassifed Man...
KDM10-04 ETC2-KDM10-04 Datasheet
320Kb / 3P
Rectangular Multi-connector
KDM10-06 ETC2-KDM10-06 Datasheet
320Kb / 3P
Rectangular Multi-connector
KDM10-08 ETC2-KDM10-08 Datasheet
320Kb / 3P
Rectangular Multi-connector
KDM10-23 ETC2-KDM10-23 Datasheet
320Kb / 3P
Rectangular Multi-connector
More results

Similar Description - KDM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
Cable Limiters
LFCL-500-C-1 LITTELFUSE-LFCL-500-C-1 Datasheet
425Kb / 1P
Cable Limiters - 600 Volts AC
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
Coaxial Limiters
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
Coaxial Limiters
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
Current pulse limiters
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Eaton All Rights Reserv...
REN EATON-REN Datasheet
615Kb / 5P
REN (250V) and RES (600V) Renewable Class H size fuses
UHA EATON-UHA Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Littelfuse
LFCL0500ZC6 LITTELFUSE-LFCL0500ZC6 Datasheet
650Kb / 3P
LFCL CABLE LIMITERS
Rev: 101017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com