Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7720FD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7720FD
Description  ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7720FD Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7720FD Datasheet HTML 5Page - Texas Instruments ISO7720FD Datasheet HTML 6Page - Texas Instruments ISO7720FD Datasheet HTML 7Page - Texas Instruments ISO7720FD Datasheet HTML 8Page - Texas Instruments ISO7720FD Datasheet HTML 9Page - Texas Instruments ISO7720FD Datasheet HTML 10Page - Texas Instruments ISO7720FD Datasheet HTML 11Page - Texas Instruments ISO7720FD Datasheet HTML 12Page - Texas Instruments ISO7720FD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
ISO7720, ISO7721
www.ti.com
SLLSEP3A – NOVEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: ISO7720 ISO7721
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
(2)
Measured from input pin to ground.
6.9 Electrical Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA; see Figure 13
VCCO
(1) –
0.4
4.8
V
VOL
Low-level output voltage
IOL = 4 mA; see Figure 13
0.2
0.4
V
VIT+(IN)
Rising input threshold voltage
0.6 x VCCI
0.7 x VCCI
V
VIT-(IN)
Falling input threshold voltage
0.3 x VCCI
0.4 x VCCI
V
VI(HYS)
Input threshold voltage hysteresis
0.1 × VCCI
0.2 × VCCI
V
IIH
High-level input current
VIH = VCCI
(1) at INx
10
μA
IIL
Low-level input current
VIL = 0 V at INx
–10
µA
CMTI
Common-mode transient
immunity
VI = VCCI or 0 V, VCM = 1200 V; see Figure 15
40
100
kV/μs
CI
Input Capacitance(2)
VI = VCC/ 2 + 0.4×sin(2πft), f = 1 MHz, VCC = 5 V
2
pF
6.10 Supply Current Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7720
Supply current - DC signal
VI = VCCI (ISO7720), VI = 0 V (ISO7720 with F suffix)
ICC1
0.8
1.1
mA
ICC2
1.1
1.7
VI = 0 V (ISO7720), VI = VCCI (ISO7720 with F suffix)
ICC1
2.9
4.2
ICC2
1.2
1.9
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
1.8
2.7
ICC2
1.3
1.9
10 Mbps
ICC1
1.9
2.7
ICC2
2.2
3
100 Mbps
ICC1
2.5
3.2
ICC2
11.6
14
ISO7721
Supply current - DC signal
VI = VCCI (ISO7721),
VI = 0 V (ISO7721 with F suffix)
ICC1, ICC2
1
1.6
mA
VI = 0 V (ISO7721),
VI = VCCI (ISO7721 with F suffix)
ICC1, ICC2
2.2
3.2
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1, ICC2
1.7
2.4
10 Mbps
ICC1, ICC2
2.2
3
100 Mbps
ICC1, ICC2
7.3
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com