Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7720FD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7720FD
Description  ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7720FD Datasheet(HTML) 2 Page - Texas Instruments

  ISO7720FD Datasheet HTML 1Page - Texas Instruments ISO7720FD Datasheet HTML 2Page - Texas Instruments ISO7720FD Datasheet HTML 3Page - Texas Instruments ISO7720FD Datasheet HTML 4Page - Texas Instruments ISO7720FD Datasheet HTML 5Page - Texas Instruments ISO7720FD Datasheet HTML 6Page - Texas Instruments ISO7720FD Datasheet HTML 7Page - Texas Instruments ISO7720FD Datasheet HTML 8Page - Texas Instruments ISO7720FD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
ISO7720, ISO7721
SLLSEP3A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO7720 ISO7721
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Power Rating............................................................. 5
6.6
Insulation Specifications............................................ 6
6.7
Regulatory Information.............................................. 7
6.8
Safety Limiting Values .............................................. 8
6.9
Electrical Characteristics—5-V Supply ..................... 9
6.10
Supply Current Characteristics—5-V Supply .......... 9
6.11
Electrical Characteristics—3.3-V Supply .............. 10
6.12
Supply Current Characteristics—3.3-V Supply ..... 10
6.13
Electrical Characteristics—2.5-V Supply .............. 11
6.14
Supply Current Characteristics—2.5-V Supply ..... 11
6.15
Switching Characteristics—5-V Supply................. 12
6.16
Switching Characteristics—3.3-V Supply.............. 12
6.17
Switching Characteristics—2.5-V Supply.............. 12
6.18
Safety and Insulation Characteristics Curves ....... 13
6.19
Typical Characteristics .......................................... 14
7
Parameter Measurement Information ................ 16
8
Detailed Description ............................................ 17
8.1
Overview ................................................................. 17
8.2
Functional Block Diagram ....................................... 17
8.3
Feature Description................................................. 18
8.4
Device Functional Modes........................................ 19
9
Applications and Implementation ...................... 20
9.1
Application Information............................................ 20
9.2
Typical Application .................................................. 20
10
Power Supply Recommendations ..................... 22
11
Layout................................................................... 23
11.1
Layout Guidelines ................................................. 23
11.2
Layout Example .................................................... 23
12
Device and Documentation Support ................. 24
12.1
Documentation Support ........................................ 24
12.2
Related Links ........................................................ 24
12.3
Community Resources.......................................... 24
12.4
Trademarks ........................................................... 24
12.5
Electrostatic Discharge Caution ............................ 24
12.6
Glossary ................................................................ 24
13
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (November 2016) to Revision A
Page
•
Changed Feature From: IEC 60950-1, IEC 60601-1 and IEC 61010-1 End Equipment Standards To: IEC 60950-1
and IEC 60601-1 End Equipment Standards ........................................................................................................................ 1
•
Added Climatic category to the Insulation Specifications....................................................................................................... 6
•
Changed the CSA column of Regulatory Information ........................................................................................................... 7
•
Changed DW package) To: (DW-16) in the TUV column of Regulatory Information ............................................................ 7
•
Changed tie TYP value From: 1.5 To 1 in Switching Characteristics—5-V Supply .............................................................. 12
•
Changed tie TYP value From: 1.5 To 1 in Switching Characteristics—3.3-V Supply ........................................................... 12
•
Changed tie TYP value From: 1.5 To 1 in Switching Characteristics—2.5-V Supply ........................................................... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com