Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87373 Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 154Page - National Semiconductor (TI) PC87373 Datasheet HTML 155Page - National Semiconductor (TI) PC87373 Datasheet HTML 156Page - National Semiconductor (TI) PC87373 Datasheet HTML 157Page - National Semiconductor (TI) PC87373 Datasheet HTML 158Page - National Semiconductor (TI) PC87373 Datasheet HTML 159Page - National Semiconductor (TI) PC87373 Datasheet HTML 160Page - National Semiconductor (TI) PC87373 Datasheet HTML 161Page - National Semiconductor (TI) PC87373 Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 174 page
background image
13.0 Device Characteristics (Continued)
158
www.national.com
Revision 1.1
13.4 AC ELECTRICAL CHARACTERISTICS
13.4.1 AC Test Conditions
Figure 46. AC Test Conditions, TA =0°Cto70°C, VSUP = 3.3V ±10%
Notes:
1. VSUP is either VDD3 or VSB3, according to the pin power well.
2. CL = 50 pF for all output pins except the following pin groups:
−
CL = 100 pF for Serial Port 1 and 2 pins (see Section 1.4.2 on page 17), Parallel Port pins (see Section 1.4.3) and
Floppy Disk Controller pins (see Section 1.4.4)
−
CL = 40 pF for IDE_RSTDRV pin
−
CL = 400 pF for SMBus pins (see SMBus Voltage Translation and Isolation Timing on page 172)
These values include both jig and oscilloscope capacitance.
3. S1 = Open − for push-pull output pins.
S1 = VSUP − for high-impedance to active low and active low to high impedance transition measurements
S1 = GND − for high-impedance to active high and active high to high impedance transition measurements
RL = 1.0 KΩ− for all the pins
4. For the FDC open-drain interface pins, S1 = VDD3 and RL = 150Ω.
Device
Under
Test
0.1
µf
Input
Output
RL
CL
S1
Load Circuit
AC Testing Input, Output Waveform
VSUP
2.4
0.4
2.0
0.8
Test Points
2.0
0.8
(unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com