Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87373 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 17Page - National Semiconductor (TI) PC87373 Datasheet HTML 18Page - National Semiconductor (TI) PC87373 Datasheet HTML 19Page - National Semiconductor (TI) PC87373 Datasheet HTML 20Page - National Semiconductor (TI) PC87373 Datasheet HTML 21Page - National Semiconductor (TI) PC87373 Datasheet HTML 22Page - National Semiconductor (TI) PC87373 Datasheet HTML 23Page - National Semiconductor (TI) PC87373 Datasheet HTML 24Page - National Semiconductor (TI) PC87373 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 174 page
background image
1.0 Signal/Pin Connection and Description (Continued)
21
www.national.com
Revision 1.1
1.4.8
General-Purpose I/O (GPIO)
1.4.9
Fan Speed Control and Monitor (FSCM)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
GPIOE00-07 103-106,
108-109,
111-112
I/O
INTS/
OD8,O4/8
VSB3
General-Purpose I/O Ports. Each pin is configured
independently as input or I/O, with or without static pull-up and
with either open-drain or push-pull output type. These pins
have event detection capability to generate a wake-up event
or an interrupt.
GPIOE10-13 116, 114,
115, 113
GPIO14
101
I/O
INTS/
OD12,O6/12
General-Purpose I/O Port. This pin is configured
independently as input or I/O with or without static pull-up and
with either open-drain or push-pull output type.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
FANTACH1
FANTACH2
FANTACH3
111,
112,
104
IINTS
VDD3
Fan Tachometer Inputs. Input to the Fan Speed Monitor for the
fan tachometer pulse. The rising edge indicates the completion of
either a half or full fan revolution.
FANPWM1
FANPWM2
FANPWM3
106,
108,
109
O
O4/8
VDD3
Fan Control Outputs. Pulse Width Modulation (PWM) signals,
used to control the speed of cooling fans by controlling the On/Off
duty cycle, and thus the voltage supplied to the fan motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com