Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87373 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 4Page - National Semiconductor (TI) PC87373 Datasheet HTML 5Page - National Semiconductor (TI) PC87373 Datasheet HTML 6Page - National Semiconductor (TI) PC87373 Datasheet HTML 7Page - National Semiconductor (TI) PC87373 Datasheet HTML 8Page - National Semiconductor (TI) PC87373 Datasheet HTML 9Page - National Semiconductor (TI) PC87373 Datasheet HTML 10Page - National Semiconductor (TI) PC87373 Datasheet HTML 11Page - National Semiconductor (TI) PC87373 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 174 page
background image
Table of Contents (Continued)
8
www.national.com
Revision 1.1
3.12.2
Logical Device 4 (SWC) Configuration ........................................................................ 59
3.13
KEYBOARD AND MOUSE CONTROLLER (KBC) CONFIGURATION ..................................... 60
3.13.1
General Description ..................................................................................................... 60
3.13.2
Logical Devices 5 and 6 (Mouse and Keyboard) Configuration .................................. 60
3.13.3
KBC Configuration Register ........................................................................................ 61
3.14
GENERAL-PURPOSE INPUT/OUTPUT (GPIO) PORTS CONFIGURATION .......................... 62
3.14.1
General Description ..................................................................................................... 62
3.14.2
Logical Device 7 (GPIO) Configuration ....................................................................... 63
3.14.3
GPIO Pin Select Register (GPSEL) ............................................................................. 64
3.14.4
GPIO Pin Configuration Register 1 (GPCFG1) ........................................................... 64
3.14.5
GPIO Event Routing Register (GPEVR) ...................................................................... 65
3.14.6
GPIO Pin Configuration Register 2 (GPCFG2) ........................................................... 66
3.14.7
GPIO Mode Select Register (GPMODE) ..................................................................... 66
3.15
FAN SPEED CONTROL AND MONITOR (FSCM) CONFIGURATION ..................................... 67
3.15.1
General Description ..................................................................................................... 67
3.15.2
Logical Device 9 (FSCM) Configuration ...................................................................... 67
3.15.3
Fan Speed Control and Monitor Configuration Register 1 (FSCMCF1) ...................... 68
3.15.4
Fan Speed Control and Monitor Configuration Register 2 (FSCMCF2) ...................... 69
3.16
GAME PORT (GMP) CONFIGURATION ................................................................................. 70
3.16.1
Logical Device B (GMP) Configuration ........................................................................ 70
3.16.2
Game Port Configuration Register .............................................................................. 70
3.17
MUSICAL INSTRUMENT DIGITAL INTERFACE (MIDI) PORT CONFIGURATION ................. 71
3.17.1
Logical Device C (MIDI) Configuration ........................................................................ 71
3.17.2
MIDI Port Configuration Register ................................................................................. 71
4.0
LPC Bus Interface
4.1
OVERVIEW ............................................................................................................................... 72
4.2
LPC TRANSACTIONS ............................................................................................................... 72
4.3
LPCPD FUNCTIONALITY ......................................................................................................... 72
4.4
INTERRUPT SERIALIZER ........................................................................................................ 72
5.0
General-Purpose Input/Output (GPIO) Ports
5.1
OVERVIEW ............................................................................................................................... 73
5.2
BASIC FUNCTIONALITY ..........................................................................................................74
5.2.1
Configuration Options .................................................................................................. 74
5.2.2
Operation ..................................................................................................................... 75
5.3
EVENT HANDLING AND SYSTEM NOTIFICATION ................................................................ 75
5.3.1
Event Configuration ..................................................................................................... 75
5.3.2
System Notification ...................................................................................................... 76
5.4
GPIO PORT REGISTERS ......................................................................................................... 77
5.4.1
GPIO Pin Configuration Registers Structure ............................................................... 77
5.4.2
GPIO Port Runtime Register Map ............................................................................... 77
5.4.3
GPIO Data Out Register (GPDO) ................................................................................ 78
5.4.4
GPIO Data In Register (GPDI) .................................................................................... 78
5.4.5
GPIO Event Enable Register (GPEVEN) .................................................................... 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com