Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87373 Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 148Page - National Semiconductor (TI) PC87373 Datasheet HTML 149Page - National Semiconductor (TI) PC87373 Datasheet HTML 150Page - National Semiconductor (TI) PC87373 Datasheet HTML 151Page - National Semiconductor (TI) PC87373 Datasheet HTML 152Page - National Semiconductor (TI) PC87373 Datasheet HTML 153Page - National Semiconductor (TI) PC87373 Datasheet HTML 154Page - National Semiconductor (TI) PC87373 Datasheet HTML 155Page - National Semiconductor (TI) PC87373 Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 174 page
background image
13.0 Device Characteristics (Continued)
152
www.national.com
Revision 1.1
13.1.4 Power Consumption under Recommended Operating Conditions
13.1.5 Voltage Thresholds
Symbol
Parameter
Conditions1
1. All parameters specified for 0
°C ≤ T
A ≤ 70°C; VDD3 and VSB3 = 3.3V ±10% unless otherwise speci-
fied.
Typ
Max2
2. Not tested. Guaranteed by characterization.
Unit
IDD3
VDD3 Average Supply Current
VIL = 0.5V, VIH = 2.4V,
No Load
TBD
TBD
mA
IDD3LP
VDD3 Quiescent Supply Current in Low
Power Mode3
3. All the modules disabled; no LPC bus activity.
VIL =VSS,VIH =VDD3,
No Load
0.5
0.8
mA
ISB3
VSB3 Average Supply Current
VIL = 0.5V, VIH = 2.4V,
No Load
TBD
TBD
mA
ISB3LP
VSB3 Quiescent Supply Current in Low
Power Mode3
VIL =VSS,VIH =VSB3,
No Load
TBD
TBD
mA
IBAT
VBAT Battery Supply Current
VDD3,VSB3 =0V,
VBAT =3V
TBD
TBD
µA
Symbol
Parameter1
1. All parameters specified for 0
°C
≤ T
A ≤ 70°C.
Min2
2. Not tested. Guaranteed by characterization.
Typ
Max2
Unit
VDD3ON
VDD3 Detected as Power-on
2.3
2.6
2.9
V
VDD3OFF
VDD3 Detected as Power-off
2.2
2.5
2.8
V
VDD3HY
VDD3 Hysteresis (VDD3ON − VDD3OFF)
0.1
V
VSB3ON
VSB3 Detected as Power-on
2.3
2.6
2.9
V
VSB3OFF
VSB3 Detected as Power-off
2.2
2.5
2.8
V
VSB3HY
VSB3 Hysteresis (VSB3ON − VSB3OFF)
0.1
V
VBATLOW
VBAT Detected as “Low”
1.8
2.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com