Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87373 Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 122Page - National Semiconductor (TI) PC87373 Datasheet HTML 123Page - National Semiconductor (TI) PC87373 Datasheet HTML 124Page - National Semiconductor (TI) PC87373 Datasheet HTML 125Page - National Semiconductor (TI) PC87373 Datasheet HTML 126Page - National Semiconductor (TI) PC87373 Datasheet HTML 127Page - National Semiconductor (TI) PC87373 Datasheet HTML 128Page - National Semiconductor (TI) PC87373 Datasheet HTML 129Page - National Semiconductor (TI) PC87373 Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 174 page
background image
10.0 Game Port (GMP) (Continued)
126
www.national.com
Revision 1.1
The varying resistors RVX and RVY are typically implemented in the game device. Their resistance values are determined
directly by the horizontal and vertical positions, respectively, indicated by the game device. The waveform shaping circuits
are typically implemented outside the game device using constant resistors (RCX/Y) and constant capacitors (CX/Y). Togeth-
er with RVX/Y, these components implement two R-C structures, the varying parameters of which are used to determine the
exact position, at any specific moment, indicated by the game device.
When the Game Port is enabled but not in the process of reading a game device position, it drives the JOYnX,Y pins low.
In this state, the capacitors CX/Y are completely discharged.
10.2.2 Capturing the Position
The process of capturing the position indicated by the game device is initiated by a command written to the Game Port to
release the JOYnX,Y lines, thus allowing the capacitors CX/Y to be charged. This command is given by performing a write
access to the Game Port Status Register (GMPST; see Section 10.3.2). Once the JOYnX,Y pins are released, RCX/Y and
RVX/Y start charging CX/Y, and the voltage level of the JOYnX,Y pins increases until it reaches VIH. This process is shown
in Figure 36.
Figure 36. Position Reading Process Waveform (not to scale)
The vertical and horizontal positions indicated by the game device are determined by measuring the time it takes for the
voltage level on the JOYnX,Y pins to reach the level of logic 1. Since the charging time is determined by the resistance val-
ues of RVX/Y, measuring this time actually indicates the resistance values of RVX/Y, and therefore also reflects the position
indicated by the game device.
Once an axis pin is sensed as logic 1, the axis circuit discharge control is activated to discharge CX/Y. This causes the cor-
responding axis pin to be driven low for approximately 1.5
µs. After that, this axis line is held low until another position read-
ing process is initiated.
During the charge time and the 1.5
µs discharge time that follows, the corresponding axis line does not respond to any status
reading process initiation. This prevents software from disturbing the position reading process and makes the position read-
ing processes of all axis lines independent of each other.
10.2.3 Button Status Indication
The button status indication mechanism is shown in Figure 37. Although this figure shows an active-low button
(RBU0>>RBD0), the polarity of the button can be either high or low, assuming that the Game Port software is aware of the
button’s polarity.
Figure 37. Game Device Button Status Indication Mechanism
Time
VCX/Y [V]
VDD
0
VIH
Time measured as
position indication
Discharge
Charge
Idle
Idle
Drive
Low
Release
Drive
Low
RBU0
Game
Port
JOYnBTN0
JOYnBTN1
Game Device Button Status Circuit
Pins
Buttons 0,1
Status
Indicators
Input Path
RBD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com