Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87373 Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 107Page - National Semiconductor (TI) PC87373 Datasheet HTML 108Page - National Semiconductor (TI) PC87373 Datasheet HTML 109Page - National Semiconductor (TI) PC87373 Datasheet HTML 110Page - National Semiconductor (TI) PC87373 Datasheet HTML 111Page - National Semiconductor (TI) PC87373 Datasheet HTML 112Page - National Semiconductor (TI) PC87373 Datasheet HTML 113Page - National Semiconductor (TI) PC87373 Datasheet HTML 114Page - National Semiconductor (TI) PC87373 Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 174 page
background image
8.0 Fan Speed Monitor (Continued)
111
www.national.com
Revision 1.1
To read the FAN_SPD data:
• Read the FMSPRL register: This reads the low byte of the FAN_SPD data and saves the high byte in a latch. In addition,
the SPD_RDY bit in the FMCSR register is cleared to 0.
• Read the FMSPRH register: This reads the high byte of the FAN_SPD data from the latch.
.
Figure 20. Fan Speed Monitor (Simplified Diagram)
FANTACH
Filter
(FMCSR, Bit 4)
OVFLOW
(FMCSR, Bit 2)
Up Counter
FMTHRH
Comparator
(FMCSR, Bit 1)
OVR_THR
Clear
Load
IRQ_EN
(FMCSR, Bit 3)
IRQ
FILTER_DIS
(FMCSR, Bit 0)
SPD_RDY
Set
32.000 KHz
THRSH
(16 bit)
(16 bit)
FAN_SPD
Divide
(FMCSR, Bit 7)
TPPR
by 2
Bits 7-0
FMTHRL
High Byte
Latch
FMSPRH
FMSPRL
Bits 15-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com