Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCS3142-I/ST Datasheet(PDF) 19 Page - Microchip Technology

Part # MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCS3142-I/ST Datasheet HTML 15Page - Microchip Technology MCS3142-I/ST Datasheet HTML 16Page - Microchip Technology MCS3142-I/ST Datasheet HTML 17Page - Microchip Technology MCS3142-I/ST Datasheet HTML 18Page - Microchip Technology MCS3142-I/ST Datasheet HTML 19Page - Microchip Technology MCS3142-I/ST Datasheet HTML 20Page - Microchip Technology MCS3142-I/ST Datasheet HTML 21Page - Microchip Technology MCS3142-I/ST Datasheet HTML 22Page - Microchip Technology MCS3142-I/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 19
MCS3142
5.8
Authorization Code
The Authorization Code is a cryptographically-strong
industry standard representation of the code word
suitable for authentication and integrity verification. It is
generated by using the on-board AES encryption
algorithm in CBC-MAC mode. The calculation takes
place over the entire code word, including the
encrypted and unencrypted portions, using the
Authorization Key as input. Figure 5-1 shows a
representation of how this calculation is performed.
This calculation is truncated to its Least Significant 32
bits for transmission.
The Authorization Code requires a shared secret called
the Authorization Key. This key is set in the
Authorization Key Configuration Register, described in
Table 3-13.
FIGURE 5-1:
AUTHORIZATION CODE
CALCULATION
5.9
Serial Number
Each Ultimate KEELOQ encoder transmits its 32-bit
serial number with each transmission. It is intended
that this serial number be unique to a system. It is set
in the Serial Number Configuration registers, described
in Table 3-12.
Serial
Encrypted
0
Authorization
Key
Authorization
Code
E
E
Number
Code Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com