Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCS3142-I/ST Datasheet(PDF) 28 Page - Microchip Technology

Part # MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCS3142-I/ST Datasheet HTML 24Page - Microchip Technology MCS3142-I/ST Datasheet HTML 25Page - Microchip Technology MCS3142-I/ST Datasheet HTML 26Page - Microchip Technology MCS3142-I/ST Datasheet HTML 27Page - Microchip Technology MCS3142-I/ST Datasheet HTML 28Page - Microchip Technology MCS3142-I/ST Datasheet HTML 29Page - Microchip Technology MCS3142-I/ST Datasheet HTML 30Page - Microchip Technology MCS3142-I/ST Datasheet HTML 31Page - Microchip Technology MCS3142-I/ST Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
MCS3142
DS40001747A-page 28
 2014 Microchip Technology Inc.
FIGURE 8-2:
SYNCHRONIZATION WINDOW
8.3
Security Considerations
The strength of this security is based on keeping a
secret inside the transmitter that can be verified by
encrypted transmissions to a trained receiver. The
transmitter’s secret is the manufacturer’s key, not the
encryption algorithm. If that key is compromised, then
a smart transceiver can capture any serial number,
create a valid code word and trick all receivers trained
with that serial number. The key cannot be read from
the EEPROM without costly die probing, but it can be
calculated by brute force decryption attacks on
transmitted code words. The cost for these attacks
should exceed what the manufacturer would want to
protect.
To protect the security of other receivers with the same
manufacturer’s code, the manufacturer should use the
random seed for secure learn. It is a second secret that
is unique for each transmitter. Its transmission on a
special button press combination can be disabled if the
receiver has another way to find it, or limited to the first
127 transmissions for the receiver to learn it. This way,
it is very unlikely to ever be captured. If a
manufacturer’s key is compromised, clone transmitters
can be created, but without the unique seed, they have
to be relearned by the receiver. In the same way, if the
transmissions are decrypted by brute force on a
computer, the random seed hides the manufacturer’s
key and prevents more than one transmitter from being
compromised.
The length of the code word at these baud rates make
brute force attacks that guess the hopping code take
years. To make the receiver less susceptible to this
attack, it should test all bits in the decrypted code for
the correct value, not just the low counter bits and
function code.
The main benefit of hopping codes is to prevent the
retransmission of captured code words. This works
very well for code words which the receiver decodes.
Its weakness is that, if a code is captured when the
receiver misses it, the code may trick the receiver once
if it is used before the next valid transmission. The
receiver should increment the counter on questionable
code word receptions. The transmitter should use
separate buttons for lock and unlock functions. A
different method would be to require two different
buttons in sequence to gain access.
There are more ways to make KEELOQ systems more
secure, but they all have trade-offs. The user should
find a balance between security, design effort and
usability, particularly in failure modes. For example, if a
button sticks or kids play with it, the counter should not
advance into the Blocked Code window, rendering the
transmitter useless or requiring retraining.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com