Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDT96 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDT96
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT96 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDT96 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT96 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
BDT92/94/96
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BDT92
IC= -30mA ; IB= 0
-60
V
BDT94
-80
BDT96
-100
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -4A; IB= -0.4A
-1
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -10A; IB= -3.3A
-3
V
VBE(on)
Base-Emitter On Voltage
IC= -4A; VCE= -4V
-1.6
V
ICBO
Collector Cutoff Current
VCB= VCBOmax; IE= 0
VCB=1/2VCBOmax; IE= 0,TJ=150℃
-0.1
-1
mA
ICEO
Collector Cutoff Current
VCE= VCEOmax V; IB= 0
-0.2
mA
IEBO
Emitter Cutoff Current
VEB= -7V; IC= 0
-0.1
mA
hFE-1
DC Current Gain
IC= -4A ; VCE= -4V
20
200
hFE-2
DC Current Gain
IC= -10A ; VCE= -4V
5
fT
Current-Gain—Bandwidth Product
IC= -500mA ; VCE= -10V
4
MHz
Switching times
ton
Turn-On Time
IC= -4A; IB1= -IB2= -0.4A
0.5
1.5
μ
s
toff
Turn-Off Time
1
3
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com