Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCS3142 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 15Page - Microchip Technology MCS3142 Datasheet HTML 16Page - Microchip Technology MCS3142 Datasheet HTML 17Page - Microchip Technology MCS3142 Datasheet HTML 18Page - Microchip Technology MCS3142 Datasheet HTML 19Page - Microchip Technology MCS3142 Datasheet HTML 20Page - Microchip Technology MCS3142 Datasheet HTML 21Page - Microchip Technology MCS3142 Datasheet HTML 22Page - Microchip Technology MCS3142 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
MCS3142 DUAL KEELOQ® ENCODER
WIRELESS REMOTE CONTROL
DEVELOPMENT KIT USER’S GUIDE
 2014 Microchip Technology Inc.
DS40001746A-page 18
Chapter 3. Hardware Self-Test
3.1
INTRODUCTION
A hardware self-check can be performed to ensure the hardware integrity of the
Embedded Security Development Board. The instruction of the hardware self-check is
displayed on the LCD. The test result is either checked by firmware and displayed on
the LCD, or verified by user observation.
To initiate the hardware self-check, press and hold push button SW1 before
powering-up the Embedded Security Development Board. SW1 can then be released
when “HDW Self Tests” is displayed on the LCD screen.
3.2
BUTTON TESTS
“Button Test” will be displayed on the first line of the LCD display. Test instructions
of pressing individual buttons will be displayed on the second line of the LCD display.
Once a required push button is pressed, the test instruction message will be changed
for the next push button. Once all push buttons have been tested, SW1 needs to be
pressed to move forward to the LED test.
3.3
LED TESTS
There are two sets of LEDs. When the LED tests start, the message “LEDs Flashing”
will be displayed on the first line of the LCD display. During the tests, two sets four LEDs
(D4-D7) and seven LEDs (D8-D14) will flash in a pattern. The user should observe that
all LEDs are turned on and off with flashing intervals of roughly one second. Once the
user has verified the LED test, SW1 needs to be pressed to move forward to the RTCC
test.
3.4
RTCC TEST
When RTCC tests are initiated, the LCD display will show the clock and calendar. If no
coin battery for the RTCC has been installed, the time displayed will be close to the
reset time of January the 1st, 2012. If a coin battery for RTCC is installed, the time
displayed will be based on whatever was previously set, plus the time that has passed.
Observe that the clock is advancing. Once the RTCC test is done, SW1 needs to be
pressed to move forward to the SPI test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com