| Electronic Components Datasheet Search |
|
MCS3142 Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 57 page ![]() MCS3142 Dual KEELOQ® Encoder Wireless Remote DS40001746A-page 12 2014 Microchip Technology Inc. 2.2.2 Operation The pre-programmed demo is used to demonstrate the operation of Microchip Remote Keyless Entry (RKE) solutions. The demo highlights the capabilities of transmitting and receiving secured data wirelessly. Two different methods, Classic KEELOQ and Ultimate KEELOQ, are used in this demo. The pre-programmed demonstration shows how to secure information during data transmission.The transmitter sends out two types of packets. A Typical packet contains the device serial number, button code, synchronization counter, timer (Ultimate KEELOQ only) and various other parameters used in the decryption and validation process. A Seed packet contains special data related to the encoder’s encryption key. A Seed packet is sent infrequently, and only used when pairing a transmitter to a receiver. FIGURE 2-2: MCS3142 KEY FOB Pressing any one of the four buttons on the red key fob will start the encryption process and eventual transmission of a KEELOQ packet. The LED will flash momentarily to indicate a transmission.Table 2-1 describes the transmitter buttons and their functions. The kit is configured to use the Secure Learn pairing mechanism. This requires the encoders to transmit a special packet, called a Seed packet, with special information the receiver needs to properly decrypt transmissions. This kit is configured to transmit a Seed transmission with both buttons assigned to a particular encoder are pressed. The pairing phase also requires a Typical transmission to complete the pairing process. TABLE 2-1: TRANSMITTER BUTTONS AND FUNCTIONS Button Combination Description Button 1 Transmit a Classic KEELOQ® Typical Packet Button 2 Transmit a Classic KEELOQ Typical Packet Button 3 Transmit an Ultimate KEELOQ Typical Packet Button 4 Transmit an Ultimate KEELOQ Typical Packet Button 1 + Button 2 simultaneously Transmit a Classic KEELOQ Seed Packet Button 3 + Button 4 simultaneously Transmit an Ultimate KEELOQ Typical Packet |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |