Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 228 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 224Page - STMicroelectronics ST92T196 Datasheet HTML 225Page - STMicroelectronics ST92T196 Datasheet HTML 226Page - STMicroelectronics ST92T196 Datasheet HTML 227Page - STMicroelectronics ST92T196 Datasheet HTML 228Page - STMicroelectronics ST92T196 Datasheet HTML 229Page - STMicroelectronics ST92T196 Datasheet HTML 230Page - STMicroelectronics ST92T196 Datasheet HTML 231Page - STMicroelectronics ST92T196 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 268 page
background image
228/268
ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS (Cont’d)
OSD DAC CHARACTERISTICS
(VDD = 5V ± 10%; TA = -10°C + 75°C, unless otherwise specified)
(*) Output voltage matching of the R,G and B levels on a single device for each of the 8 levels
(**) Phase matching (50% point on both rise & fall time) on R, G, B, FB lines (FB in DAC mode)
(***) Phase matching (50% point on both rise & fall time) on R, G, B, FB lines (FB in digital mode)
(****) 95% of the signal amplitude is reached within the specified clock period
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
Output impedance FB,R,G,B
100
Ohm
Output voltage FB,R,G,B
Cload = 20 pF
RL=100K
code = 111
code = 110
code = 101
code = 100
code = 011
code = 010
code = 001
code = 000
0.976
0.863
0.751
0.638
0.525
0.412
0.300
0.157
1.170
1.034
0.899
0.763
0.627
0.491
0.356
0.220
1.364
1.205
1.046
0.887
0.729
0.570
0.411
0.252
V
FB = 1
FB = 0
5.0
0.2
V
Relative voltage accuracy
(*)
+/-5
%
R/G/B to FB 50% point matching
FB DAC mode
(**)
5ns
R/G/B to FB 50% point matching
FB digital mode
(***)
5ns
Pixel Frequency
Cload = 20 pF
20****
MHz.
Cload = 10 pF
40****
MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com