Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 223 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 219Page - STMicroelectronics ST92T196 Datasheet HTML 220Page - STMicroelectronics ST92T196 Datasheet HTML 221Page - STMicroelectronics ST92T196 Datasheet HTML 222Page - STMicroelectronics ST92T196 Datasheet HTML 223Page - STMicroelectronics ST92T196 Datasheet HTML 224Page - STMicroelectronics ST92T196 Datasheet HTML 225Page - STMicroelectronics ST92T196 Datasheet HTML 226Page - STMicroelectronics ST92T196 Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 268 page
background image
223/268
ELECTRICAL CHARACTERISTICS
9 ELECTRICAL CHARACTERISTICS
The ST92196A device contains circuitry to protect
the inputs against damage due to high static volt-
age or electric field. Nevertheless it is advised to
take normal precautions and to avoid applying to
this high impedance voltage circuit any voltage
higher than the maximum rated voltages. It is rec-
ommended for proper operation that VIN and VOUT
be constrained to the range.
VSS ≤ (VIN or VOUT) ≤ VDD
To enhance reliability of operation, it is recom-
mended to connect unused inputs to an appropri-
ate logic voltage level such as VSS or VDD.
All the voltages in the following table, are refer-
enced to VSS.
ABSOLUTE MAXIMUM RATINGS
*Current is limited to |<200
µA| into the pin
Note: Stresses above those listed as “absolute maximum ratings“ may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Note 1. 1MHz when A/D is used
Note 2. For good slicing results, it is advised to set VDDA >= 5.3V. Remember also that VDDA < VDD + 0.3V.
Symbol
Parameter
Value
Unit
VDD1,2
Supply Voltage
VSS – 0.3 to VSS + 7.0
V
VDDA
Analog Supply Voltage
VSS – 0.3 to VDD +0.3
V
VI
Input Voltage
VSS – 0.3 to VDD +0.3
V
VI
Input Voltage
VSS – 0.7 to VDD +0.7 *
V
VO
Output Voltage
VSS – 0.3 to VDD +0.3
V
VO
Output Voltage
VSS – 0.7 to VDD +0.7 *
V
TSTG
Storage Temperature
– 55 to + 150
°C
IINJ
Pin Injection Current Digital and Analog Input
-5 to +5
mA
Maximum Accumulated Pin injection Current in the device
-50 to +50
mA
Symbol
Parameter
Value
Unit
Min.
Max.
TA
Operating Temperature
-10
75
°C
VDD
Operating Supply Voltage
4.5
5.5
V
VDDa
Analog Supply Voltage
4.5
5.5
V
fOSCE
External Oscillator Frequency
4.0
MHz
fINTCLK
Internal Clock Frequency
01
24
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com