Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 189Page - STMicroelectronics ST92T196 Datasheet HTML 190Page - STMicroelectronics ST92T196 Datasheet HTML 191Page - STMicroelectronics ST92T196 Datasheet HTML 192Page - STMicroelectronics ST92T196 Datasheet HTML 193Page - STMicroelectronics ST92T196 Datasheet HTML 194Page - STMicroelectronics ST92T196 Datasheet HTML 195Page - STMicroelectronics ST92T196 Datasheet HTML 196Page - STMicroelectronics ST92T196 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 268 page
background image
193/268
- SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
Figure 83. SCI Functional Schematic
8.11.2 SCI Operation
Each data bit is sampled 16 times per clock period.
Figure 84. SCI Operating Modes
8.11.3 Serial Frame Format
Characters sent or received by the SCI can have
some or all of the features in the following format,
depending on the operating mode:
START: the START bit indicates the beginning of
a data frame. The START condition is detected as
a high to low transition.
DATA: the DATA word length is programmable
from 5 to 8 bits. LSB are transmitted first.
PARITY: The Parity Bit is optional, and can be
used with any word length. It is used for error
checking and is set so as to make the total number
of high bits in DATA plus PARITY odd or even, de-
pending on the number of “1”s in the DATA field.
ADDRESS/9TH: The Address/9th Bit is optional
and may be added to any word format. It is used to
indicate that the data is an address (bit set).
The ADDRESS/9TH bit is useful when several mi-
crocontrollers are exchanging data on the same
serial bus. Individual microcontrollers can stay idle
on the serial bus, waiting for a transmitted ad-
dress. When a microcontroller recognizes its own
address, it can begin Data Reception, likewise, on
the transmit side, the microcontroller can transmit
another address to begin communication with a
different microcontroller.
The ADDRESS/9TH bit can be used as an addi-
tional data bit or to mark control words (9th bit).
STOP: Indicates the end of a data frame. The
STOP bit can be programmed to be 1, 1.5, 2, 2.5
or 3 bits long, depending on the mode. It returns
the SCI to the quiescent marking state (i.e., a con-
stant high-state condition) which lasts until a new
start bit indicates an incoming word.
Figure 85. SCI Character Formats
(1) LSB First
RX shift
register
TX buffer
register
TX shift
register
AEN
RX buffer
register
Baud rate
generator
INTCLK
LBEN
SOUT
SIN
I/O
CLOCK
START BIT
DATA
PARITY
STOP BIT
16
16
16
VA00271
START
DATA(1)
PARITY
ADDRESS
STOP
# bits
0, 1
5, 6, 7, 8
0, 1
0, 1
0, 1, 1.5, 2, 2.5
states
NONE
ODD
EVEN
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com