Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 149Page - STMicroelectronics ST92T196 Datasheet HTML 150Page - STMicroelectronics ST92T196 Datasheet HTML 151Page - STMicroelectronics ST92T196 Datasheet HTML 152Page - STMicroelectronics ST92T196 Datasheet HTML 153Page - STMicroelectronics ST92T196 Datasheet HTML 154Page - STMicroelectronics ST92T196 Datasheet HTML 155Page - STMicroelectronics ST92T196 Datasheet HTML 156Page - STMicroelectronics ST92T196 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 268 page
background image
153/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
ENABLE REGISTER (OSDER)
R248 - Read/Write
Register Page: 42
Reset Value: 0000 0000 (00h)
Bit 7 = DION
Display ON
This bit is used in combination with the OSDE bit
to control the display working mode. See Table 31.
Warning: after a reset, a valid HSYNC signal is re-
quired to write to the OSDRAM, whatever the
clock rate (CPU or Pixel clock rate).
Bit 6 = OSDE
OSD Enable
This bit is used in combination with the DION bit to
control the display working mode. See Table 24.
Note 1: When the (DION,OSDE) bits switch from
any other value to (1,1), i.e. when the controller is
switched to a full OSD function, the “first buffer
start address” content is used to locate the first
Row buffer to process.
While the full Display function is running, the DION
& OSDE bits remain set and the first buffer start
address is not used again, even if both bits are re-
written to “1”.
Note 2: It is strongly recommended to use state 3
only if the OSDRAM has been initialized using
state 2.
Warning 1: States 3 and 4 (refer to Table 31) can
only be used if HSYNC and VSYNC are applied on
the external pins.
Warning 2: After a reset, a valid HSYNC signal is
required to write to the OSDRAM, regardless of
the clock rate (CPU or Pixel clock rate).
Warning 3: When the OSD is displayed, it is ad-
vised not to write to the OSDRAM when a VSYNC
pulse occurs. In Normal operating mode, this con-
figration will never happen.
Bit 5 = TE
Transfer Enable bit
This bit controls the “swap to next row buffer” func-
tion whenever the Scan Line counter content
matches the Event Line parameter value.
An interrupt request pulse is generated and for-
warded to the core each time the match occurs re-
gardless of the value of TE.
0: Row buffer swap disabled. The current row buff-
er content is simply ignored and the screen will
display the border color, as if the current buffer
content was already processed.
1: A Row buffer swap enabled
Note: Refer to Section 8.5.8.8 for more details
about using the TE bit.
Bit 4 = DBLS
Double Scan bit
This bit defines if the display works in 1H or 2H
mode.
0: The display works in “single scan” or “1H” mode.
1: The display works in “double scan” or “2H”
mode. The 2H mode is used in progressive scan
display (60Hz field, 525 lines).
Note: the DBLS bit acts on the display vertical de-
lay for field determination (refer to the VD[3:0] bits
of the Delay register OSDDR).
The DBLS bit also acts on the Line Start Mute (re-
fer to the LSM[2:0] bits of the Mute register OSD-
MR) and the HSY flag bit.
Table 31. OSDRAM Interface Configuration
70
DION
OSDE
TE
DBLS
NIDS
TSLE
MOPE FPIXC
DION OSDE
OSDRAM
Interface clock
OSD Function
Detailed Configuration
State
0
0
off, no RAM access off
The OSDRAM controller and the Display are both disa-
bled. The CPU has no access to the OSDRAM.
1
1
0
on, CPU clock
off
The Display is disabled. The OSDRAM controller is run-
ning using the CPU clock, allowing for CPU accesses.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com