Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 144Page - STMicroelectronics ST92T196 Datasheet HTML 145Page - STMicroelectronics ST92T196 Datasheet HTML 146Page - STMicroelectronics ST92T196 Datasheet HTML 147Page - STMicroelectronics ST92T196 Datasheet HTML 148Page - STMicroelectronics ST92T196 Datasheet HTML 149Page - STMicroelectronics ST92T196 Datasheet HTML 150Page - STMicroelectronics ST92T196 Datasheet HTML 151Page - STMicroelectronics ST92T196 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 268 page
background image
148/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
SHAPE ATTRIBUTE - 9x13 MATRIX
Address in segment 22h: 2p+5+3z. See Figure 59.
Bit 7 = CODX
Character Code Extension
This bit is used with SPL[1:0] as the character ad-
dress extension. Thus it is possible to address any
of the 9x13 characters of the font ROM. (See the
SPL[1:0] bit description for more details)
Bits 6:5 = SPL[1:0]
Character Split control bits
These “character split” bits are used with the
CODX bit as the character address extension. It is
then possible to address any of the 9x13 charac-
ters of the font ROM.
If the character code is ChC[7:0] (1 byte), then the
character
addressed
with
this
structure
is:
CODX.SPL1.SPL0.ChC[7:0]
Bit 4 = FXP
Foreground Extended Palette ad-
dressing bit
This bit is combined with the PASW bit in the OS-
DDR register to give the MSB bit of the foreground
palette address. It allows the foreground palette,
(basic or extended), to be selected on a per-char-
acter basis. See Table 29 for details.
Table 29. Foreground Palette Selection
Bit 3 = BXP
Background Extended Palette ad-
dressing bit
This bit is combined with the PASW bit in the OS-
DDR register to give the MSB bit of the back-
ground palette address. It allows the background
palette, (basic or extended), to be selected on a
per-character basis. See Table 30 for details.
Bit 2 = FOC
Flash On Character control bit
This bit enables the flash mechanism for the cur-
rent character.
0: The flash mechanism is disabled. The current
character is displayed, whatever the flash row
attribute value (FON) is (see Section 8.5.8.3).
1: The flash mechanism is enabled. If the flash row
attribute (FON) is “on” (see Section 8.5.8.3), the
character is displayed as space using the back-
ground color.
Bit 1 = SHA
shadow mode control bit
This bit enables or disables a black shadow shape
on the right and bottom edges of the current char-
acter foreground.
0: No shadow is added
1: A black shadow is added on the current charac-
ter.
Note: This shadow shape follows the same algo-
rithm as the fringe (see Section 8.5.3.7 for further
details).
Bit 0 = FRC
Fringe on Character control bit
This bit enables or disables a fringe on the current
character foreground.
0: No fringe is added.
1: A fringe is added on the current character if the
fringe row attribute bit FR is set (see Section
8.5.8.3 for more details).
Note: The fringe follows the algorithm described in
Section 8.5.3.7.
70
CODX
SPL1
SPL0
FXP
BXP
FOC
SHA
FRC
PASW
FXP
Foreground palette used
0
0
basic
0
1
extended
1
0
extended
1
1
basic
PASW
BXP
Background palette used
0
0
basic
0
1
extended
1
0
extended
1
1
basic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com