Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 135Page - STMicroelectronics ST92T196 Datasheet HTML 136Page - STMicroelectronics ST92T196 Datasheet HTML 137Page - STMicroelectronics ST92T196 Datasheet HTML 138Page - STMicroelectronics ST92T196 Datasheet HTML 139Page - STMicroelectronics ST92T196 Datasheet HTML 140Page - STMicroelectronics ST92T196 Datasheet HTML 141Page - STMicroelectronics ST92T196 Datasheet HTML 142Page - STMicroelectronics ST92T196 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 268 page
background image
139/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.7.2 Mouse Pointer Vertical Position
Address in Segment 22h: 0Ah (Bits 15:8), 0Bh (Bits 7:0)
Bit 15 = MDS
Mouse Double Size enable bit
This bit enables or disables the double size display
for the mouse pointer.
0: The mouse pointer is displayed in a 2Y-2X size.
1: The mouse pointer is displayed in a 4Y-4X size.
Bits 14:10 = free for the user
Bits 9:0 = MPY[9:0]
Mouse Pointer vertical posi-
tion
These bits define the mouse pointer vertical start
position expressed as a “TV lines-per-field” count
(refer to Figure 64). When the Display controller
works in non-interlaced mode, all MPY bits are
used.
When the Display controller works in interlaced
mode the MPY0 bit becomes meaningless The ac-
tual Mouse Pointer starting position is given by
MPY[9:1].
The minimum vertical shift is therefore a 2-pixel
step, in interlaced mode, as incrementing the
Mouse Pointer vertical position will act on both
fields, producing a one line shift per field. In non-
interlaced mode, the minimum vertical shift be-
comes a 1-pixel step.
Warning: In interlaced mode the MPY0 bit must
be forced by software to 0.
15
8
7
0
MDS
MPY9 MPY8 MPY7
MPY6
MPY5
MPY4
MPY4
MPY2
MPY1 MPY0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com