Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68AF031AM70MS6E Datasheet(PDF) 21 Page - STMicroelectronics

Part # M68AF031AM70MS6E
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AM70MS6E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M68AF031AM70MS6E Datasheet HTML 14Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 15Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 16Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 17Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 18Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 19Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 20Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 21Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
M68AF031A
REVISION HISTORY
Table 15. Document Revision History
Date
Version
Revision Details
January 2002
-01
First Issue
07-Feb-2002
-02
ISB clarified
08-Feb-2002
-03
TSOP28 Package removed
AC Measurement Load Circuit changed (Figure 9)
Operating and AC Measurement Conditions clarified (Table 3)
06-Mar-2002
-04
Document status changed to Data Sheet
19-Apr-2002
-05
Absolute Maximum current value added (Table 2)
Operating and AC Measurement Conditions clarified (Table 3)
26-Apr-2002
-06
Absolute Maximum Ratings Table clarified (Table 2)
Operating and AC Measurement Conditions Table clarified (Table 3)
DC Characteristics Table clarified (Table 5)
Write Mode AC Characteristics Table clarified (Table 8)
Low VCC Data Retention AC Waveforms clarified (Figure 15)
Low VCC Data Retention Characteristics Table clarified ( Table 9)
20-May-2002
-07
DC Characteristics Table clarified (Table 5)
Low VCC Data Retention Characteristics Table clarified (Table 9)
29-May-2002
-08
TSOP28 8x13.4mm Standard and Reverse pinout added (Figure 1, 5, 6, Table 12)
02-Oct-2002
8.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot
(revision version 08 equals 8.0).
New part number added.
09-Oct-2002
8.2
Datasheet number simplified.
23-Apr-2003
8.3
55ns speed-class added
27-May-2004
9.0
Package outline and package mechanical data added for TSOP28 Reverse package.
05-Nov-2004
10.0
TSOP28 Standard Lead-free version added in FEATURES SUMMARY, SUMMARY
DESCRIPTION. TLEAD parameter added in Table 2., Absolute Maximum Ratings.
Standard Lead-free option added in Table 14., Ordering Information Scheme.
15-Nov-2004
11.0
TSOP28 Lead-free Tape & Reel version added in FEATURES SUMMARY,
SUMMARY DESCRIPTION.
Lead-Free Tape & Reel option added in Table 14., Ordering Information Scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com