Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68AF031AM70MS6E Datasheet(PDF) 13 Page - STMicroelectronics

Part # M68AF031AM70MS6E
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AM70MS6E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M68AF031AM70MS6E Datasheet HTML 9Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 10Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 11Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 12Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 13Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 14Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 15Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 16Page - STMicroelectronics M68AF031AM70MS6E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13/22
M68AF031A
Write Mode
The M68AF031A is in the Write mode whenever
the W and E are Low. Either the Chip Enable input
(E) or the Write Enable input (W) must be de-
asserted
during
Address
transitions
for
subsequent write cycles. When E (W) is Low, write
cycle begins on the W (E)'s falling edge.
Therefore, address setup time is referenced to
Write Enable or Chip Enable as tAVWL and tAVEL
respectively, and is determined by the latter
occurring edge.
The Write cycle can be terminated by the earlier
rising edge of E or W.
If the Output is enabled (E = Low, G = Low), then
W will return the outputs to high impedance within
tWLQZ of its falling edge. Care must be taken to
avoid bus contention in this type of operation. Data
input must be valid for tDVWH before the rising
edge of Write Enable, or for tDVEH before the rising
edge of E, whichever occurs first, and remain valid
for tWHDX and tEHDX respectively.
Figure 13. Write Enable Controlled, Write AC Waveforms
Note: 1. During this period DQ0-DQ7 are in output state and input signals should not be applied.
Figure 14. Chip Enable Controlled, Write AC Waveforms
AI05941
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A14
E
W
DQ0-DQ7
VALID
tAVWH
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
tELWH
DATA (1)
DATA (1)
AI05942
tAVAV
tEHAX
tDVEH
A0-A14
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tELEH
tEHDX
DATA INPUT
tWLEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com