Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62FP4502PR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC62FP4502PR
Description  POSITIVE VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP4502PR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC62FP4502PR Datasheet HTML 1Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 2Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 3Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 4Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 5Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 6Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 7Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 8Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
XC62FP Series
286
3
SOT-23
(TOP VIEW)
SOT-89
(TOP VIEW)
3
1
2
VOUT
VSS
VSS
VOUT
VIN
VIN
1
2
3
PIN NUMBER
SOT-23
SOT-89
FUNCTION
11
Supply voltage input
Ground
Regulated voltage output
32
23
TO-92 (L)
PIN NAME
2
1
3
TO-92 (T)
1
2
3
VIN
VSS
VOUT
■Product Classification
GOrdering Information
DESIGNATOR
a
e
f
b
c
d
DESCRIPTION
DESIGNATOR
DESCRIPTION
Polarity of Output Voltage:
P: + (Positive)
Temperature Coefficients:
0=
±100ppm (typical)
Output Voltage
30=3.0V
50=5.0V
Output Voltage Accuracy:
1=
±1.0% (Semi-custom)
2=
±2.0%
Package Type
M=SOT-23
P=SOT-89
T=TO-92 (Standard)
L=TO-92 (Custom pin configuration)
Device Orientation
R=Embossed Tape
(Standard Feed)
L=Embossed Tape
(Reverse Feed)
H=Paper Tape (TO-92)
B=Bag (TO-92)
XC62FXXXXXXX
↑
a
↑
b
↑
c
↑
d
↑
e
↑
f
123
TO-92(T Type)
(TOP VIEW)
VIN VOUT
VSS
123
TO-92 (L Type)
(TOP VIEW)
VIN VSS VOUT
■Pin Configuration
■Pin Assignment
03S_05XC62FP 02.9.12 3:01 PM ページ 286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com