Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62FP4502PR Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC62FP4502PR
Description  POSITIVE VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP4502PR Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC62FP4502PR Datasheet HTML 8Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 9Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 10Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 11Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 12Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 13Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 14Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 15Page - Torex Semiconductor XC62FP4502PR Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1.90
1.95
2.00
2.05
2.10
-40
-20
0
20
40
60
80
100
40mA
3.90
3.95
4.00
4.05
4.10
-40
-20
0
20
40
60
80
100
40mA
4.90
4.95
5.00
5.05
5.10
-40
-20
0
20
40
60
80
100
 
Ambient Temp.:Topr (℃)
Ambient Temp.:Topr (℃)
Ambient Temp.:Topr (℃)
Ambient Temp.:Topr (℃)
Ambient Temp.:Topr (℃)
Ambient Temp.:Topr (℃)
Ambient Temp.:Topr (℃)
Ambient Temp.:Topr (℃)
40mA
2.90
2.95
3.00
3.05
3.10
-40
-20
0
20
40
60
80
100
40mA
(5) OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE 
XC62FP5002 (5V)
XC62FP4002 (4V)
XC62FP2002 (2V)
XC62FP3002 (3V)
VIN=6V
VIN=6V
VIN=4V
VIN=3V
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
IOUT=10mA
IOUT=10mA
IOUT=10mA
IOUT=10mA
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
-40
0
-20
20
40
60
80
100
 
 
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
80
100
(6) SUPPLY CURRENT vs. AMBIENT TEMPERATURE
XC62FP5002 (5V)
XC62FP4002 (4V)
VIN=5V
 VIN=6V
XC62FP2002 (2V)
XC62FP3002 (3V)
 VIN=4V
 VIN=3V
XC62FP
Series
297
3
03S_05XC62FP 02.9.12 3:01 PM ページ 297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com