| Electronic Components Datasheet Search |
|
TNETX3150 Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) DRAM interface (continued) TERMINAL I/O DESCRIPTION NAME† NO. I/O DESCRIPTION DD26 R23 DD27 R24 DD28 R25 DD29 R26 DD30 T23 I/O DRAM data bus DD00 DD35 is bidirectional DD31 T24 I/O DRAM data bus. DD00–DD35 is bidirectional. DD32 T25 DD33 T26 DD34 U24 DD35 U25 DOE F24 O DRAM output enable. DOE is the DRAM output-enable command. DWE F25 O DRAM write enable. DWE is the DRAM read/write command. † DD00 is the least-significant bit. external address match (EAM) interface TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION EAM15 (mode select) AD21 I External address match. When EAM15 is high and EAM04 is low, it indicates that the least-significant nibble EAM03–EAM00 contains a routing code for the single-selected port. EAM00 AB26 EAM01 AB24 EAM02 AB23 EAM03 AC26 EAM04 AC25 EAM05 AC24 EAM06 AD26 External address match. When EAM15 is low, a high on EAMXX (XX = 14–0) indicates the data frame EAM07 AF24 I g( ) is transmitted from that single-selected port. EAM08 AD23 EAM00 is the least-significant bit and is associated with port 00. EAM09 AE23 EAM10 AF23 EAM11 AC22 EAM12 AD22 EAM13 AF22 EAM14 AC21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |