| Electronic Components Datasheet Search |
|
TNETX3150 Datasheet(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 Datasheet(HTML) 71 Page - Texas Instruments |
|
71 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 71 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 address compare unit (continued) MUX Address Register Compare Encoder Matched Address Signal Load Register Ethernet Address 48 Bits Address Match Bus Destination Channel Address Figure 29. Address Compare Logic port address register configuration The port addresses can be assigned explicitly or dynamically. An address is explicitly assigned by writing it to the port address registers via the DIO interface. An address is assigned dynamically by the TNETX3150/TNETX3150A hardware, loading the register from the source address field of the received frames. If the port is in secured mode, the address is loaded only once from the first frame. In unsecured mode, the address is updated on every frame received. The uplink port (port 00) does not have a port address register. If it receives a frame with a source address securely assigned to another port, the uplink either disables or continues to operate, depending on the SECDIS bit. When SECDIS is set, the port disables on receipt of a securely assigned address. When SECDIS is reset, the port continues to operate. Port suspension, due to address mismatch, is not supported on the uplink. Since no port address exists, suspension on a multiple-address port is not desirable. IOB operation This mode of handling broadcast traffic is selected by setting the IOBMOD bit in the system control register. IOB handling ensures that frames that are broadcast follow the strict order in which they were received. When a multicast frame is detected in IOB mode, the reception continues in the same manner as for a normal store-and-forward frame. The buffers comprising the frame are linked in the receive queue. When the end of frame is detected, an additional buffer is linked to the end of the receive queue. This buffer is similar in size to a normal data buffer, but contains indexed queue information rather than frame data. To distinguish between the types of buffers, bit 23 of the tag field is set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |